UDN302L-AE3-R
AI

## Technical Overview: UDN302L-AE3-R
The **UDN302L-AE3-R** is a high-performance **N-Channel Enhancement Mode Power MOSFET** manufactured by Unisonic Technologies (UTC). It is primarily designed for low-voltage, high-speed switching applications where efficiency and compact sizing are critical.
---
### 1. Key Technical Specifications
The following table summarizes the fundamental electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Units |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V |
| **Continuous Drain Current** | $I_D$ | 0.3 | A (300mA) |
| **Pulsed Drain Current** | $I_{DM}$ | 1.2 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 1.5 (typ) / 3.0 (max) | $\Omega$ |
| **Power Dissipation** | $P_D$ | 0.35 | W |
| **Package Type** | SOT-23 | — | — |
---
### 2. Physical Characteristics and Pinout
The "AE3" suffix denotes the **SOT-23** package, which is a standard surface-mount package. The "R" usually indicates the Tape & Reel packaging for automated assembly.
* **Pin 1 (Gate):** Controls the flow of current between source and drain.
* **Pin 2 (Source):** Connected to the ground/lower potential in typical N-channel configurations.
* **Pin 3 (Drain):** Connected to the load.
---
### 3. Application Areas
Due to its low threshold voltage and fast switching speeds, the UDN302L-AE3-R is commonly found in:
1. **Level Shifters:** Converting logic signals between different voltage domains (e.g., 5V to 3.3V).
2. **Small Signal Switching:** Driving small relays, LEDs, or transistors.
3. **Power Management:** Used in battery-powered portable devices due to low power consumption.
4. **Load Switches:** Controlling power to specific sub-circuits on a PCB.
---
### 4. Circuit Implementation Example
A typical logic-level switch configuration using the UDN302L:
```markdown
Vcc (3.3V/5V)
|
[LOAD]
|
(Drain)
[MCU Pin] -- (Gate) -- [UDN302L]
(Source)
|
[GND]
```
**Key Advantages:**
* **Low Threshold Voltage:** Can be fully "turned on" by standard microcontrollers (Logic Level).
* **High Speed:** Low gate charge allows for high-frequency PWM switching.
* **Reliability:** Built-in ESD protection (model dependent) and high cell density for low $R_{DS(ON)}$.
- ⤷
What are the equivalent alternatives to the UDN302L in a SOT-23 package?
- ⤷ How does the gate threshold voltage (Vgs(th)) affect its use with 1.8V logic?
- ⤷ What are the thermal considerations when running this MOSFET at its maximum 300mA current?