AI

The **UDS-11-R** is an ultra-compact, single-port serial-to-Ethernet device server designed by Lantronix. It acts as an interface bridge, allowing older serial (RS-232) devices to communicate over a TCP/IP network.
Below is a breakdown of its core electronic components and technical specifications.
---
### 1. Key Electronic Components
| Component | Description | Function |
| :--- | :--- | :--- |
| **DSTNI-EX Chip** | Lantronix's proprietary SoC (System on Chip). | Integrated CPU, memory, and Ethernet MAC/PHY. |
| **Flash Memory** | 512 KB internal storage. | Stores the firmware and web configuration pages. |
| **SRAM** | 256 KB volatile memory. | Used for data buffering and runtime processing. |
| **Serial Transceiver** | RS-232 Level Shifter. | Converts serial voltage levels to logic levels for the SoC. |
| **Ethernet Transformer** | Isolation magnetics. | Provides electrical isolation for the RJ45 port. |
---
### 2. Interface Specifications
The UDS-11-R is defined by its physical and logical connections:
#### A. Serial Interface (RS-232)
* **Connector:** DB9M (DTE).
* **Baud Rates:** 300 bps to 230,400 bps.
* **Flow Control:** Hardware (RTS/CTS) and Software (XON/XOFF).
* **Characters:** 7 or 8 data bits.
#### B. Network Interface (Ethernet)
* **Standard:** 10/100Base-T.
* **Connector:** RJ45 port with link/activity LED indicators.
* **Protocols:** TCP/IP, UDP/IP, ARP, ICMP, SNMP, TFTP, Telnet, DHCP, HTTP.
---
### 3. Power and Physical Design
* **Power Input:** 9-30VDC or 9-24VAC (via a power jack or the DB9 connector).
* **Power Consumption:** Approximately 1.8W typical.
* **Reset Button:** A recessed button allows for hardware factory resets.
* **Isolation:** The "R" in the model name often refers to specific certifications or ruggedized compliance for industrial environments.
---
### 4. Logic and Communication Modes
The electronics are programmed to handle three primary data modes:
1. **Tunneling:** Two UDS-11-R units used in pairs to extend a serial cable over a long-distance network.
2. **Redirector:** Using "Com Port Redirector" software to make the Ethernet device appear as a local COM port on a PC.
3. **TCP/UDP Server/Client:** Direct socket communication between a custom application and the serial device.
- ⤷
What is the pinout configuration for the DB9 connector on the UDS-11-R?
- ⤷ How do I perform a factory reset on this device?
- ⤷ Does the UDS-11-R support Power over Ethernet (PoE)?