UDS-15B-R
AI

The **UDS-15B-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Buzzer** or an **Electromagnetic Audio Transducer**. It is widely used in consumer electronics, automotive dashboards, and medical equipment to provide acoustic feedback.
---
### 1. Key Technical Specifications
The following table outlines the typical electronic parameters for the UDS-15B-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Type** | Magnetic / Electromagnetic |
| **Rated Voltage** | 12.0 V |
| **Operating Voltage** | 8.0 ~ 15.0 V |
| **Current Consumption** | Max 40 mA |
| **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) |
| **Resonant Frequency** | 2400 ± 200 Hz |
| **Coil Resistance** | 140 ± 15 Ω |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components
The UDS-15B-R consists of several internal electronic and mechanical parts:
1. **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when current passes through it.
2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field.
3. **Vibrating Diaphragm:** A thin metal disk that moves rapidly due to magnetic fluctuations, creating sound waves.
4. **Housing (LCP/PPS):** High-temperature resistant plastic casing designed to withstand SMT (Surface Mount Technology) reflow soldering.
5. **Terminals:** Gold-plated or tin-plated pads for soldering onto a PCB.
---
### 3. Circuit Integration
Since the UDS-15B-R is an **electromagnetic transducer** (not a self-driven buzzer), it requires an external oscillating circuit to produce sound. It acts as an inductive load.
#### Example Driver Circuit (Basic)
```cpp
// Example: Driving the UDS-15B-R using a microcontroller (e.g., Arduino)
// Requires a transistor (NPN) to handle the 40mA current.
void setup() {
pinMode(9, OUTPUT); // Connect to Base of Transistor via 1k resistor
}
void loop() {
tone(9, 2400); // Output the resonant frequency (2400 Hz)
delay(500); // Beep for 500ms
noTone(9); // Silence
delay(500);
}
```
---
### 4. Application Considerations
* **Polarity:** Most UDS-15B-R units are polarized. Check for a "+" mark on the casing to ensure correct installation.
* **Reflow Soldering:** Because it is an SMD part, it is designed for automated pick-and-place machines and can survive standard lead-free reflow profiles.
* **Acoustic Port:** Do not cover the small hole on the top or side of the component, as this is where the sound is emitted.
---
- ⤷
What is the difference between an electromagnetic transducer like the UDS-15B-R and a piezo buzzer?
- ⤷ How do I calculate the flyback diode needed for this component?
- ⤷ Can this part be driven directly by a microcontroller GPIO pin?