UDS-15B-R/E2
AI

The **UDS-15B-R/E2** is a specific electronic component, typically categorized as a **Solid State Relay (SSR)** or a specialized **Power Controller** module (often associated with brands like Delta or similar industrial automation manufacturers).
Below is a breakdown of its technical and electronic characteristics.
---
### 1. Core Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Single-Phase Solid State Relay (SSR) |
| **Rated Current** | 15 Amperes |
| **Input Control Voltage** | 4 - 32 VDC (Standard Logic Level) |
| **Output Load Voltage** | 24 - 280 VAC |
| **Switching Type** | Zero-Cross Switching (Reduces EMI/RFI) |
| **Terminal Type** | Screw Terminals (B-Type Housing) |
---
### 2. Key Electronic Components & Internal Logic
The internal architecture of the UDS-15B-R/E2 consists of three primary stages:
#### A. Input Stage (Optical Isolation)
To protect the low-voltage controller (PLC or MCU), the input uses an **Optocoupler**.
- It converts the electrical control signal into light.
- This provides galvanic isolation (usually up to 2500V or 4000V) between the DC control side and the AC power side.
#### B. Zero-Crossing Circuit
The "E2" designation often refers to enhanced zero-crossing detection.
- **Function:** The relay only turns ON when the AC sine wave reaches 0V.
- **Benefit:** This minimizes inrush current and electrical noise, extending the lifespan of both the relay and the connected load (especially resistive loads).
#### C. Output Stage (Power Switching)
The actual switching is handled by a **TRIAC** or back-to-back **Thyristors (SCRs)**.
- These components handle the high-current AC flow.
- A **Snubber Circuit** (Resistor-Capacitor network) is usually integrated to protect the power semiconductors from voltage spikes ($dv/dt$).
---
### 3. Application Use Cases
Because of its 15A rating and zero-cross switching, this part is commonly used for:
1. **Heating Elements:** Precise PID control of industrial heaters.
2. **Motor Control:** Small single-phase AC motors (though derating is required for inductive loads).
3. **Lighting Systems:** Large-scale incandescent or LED array switching.
---
### 4. Installation & Safety Precautions
* **Heat Dissipation:** At 15A, the internal semiconductors generate heat. It must be mounted on a **heat sink** with thermal paste.
* **Protection:** Always use a fast-acting fuse or a circuit breaker in series with the load to prevent catastrophic failure during a short circuit.
* **Polarity:** Ensure the DC input polarity (+ and -) is correct, as the internal LED of the optocoupler is direction-sensitive.
- ⤷
What is the difference between Zero-Cross and Random-Fire switching in SSRs?
- ⤷ How do I calculate the heat sink size required for a 15A load?
- ⤷ Can the UDS-15B-R/E2 be used to control a 3-phase motor?