UDS-1B-R
AI

The **UDS-1B-R** is a specific electronic component commonly used as a **DIP Switch** (Dual In-line Package). These are manual electromechanical switches used to configure settings on printed circuit boards (PCBs).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "1B" typically refers to a single-position switch, and the "R" often denotes the packaging style (such as Reel) or a right-angle orientation, depending on the specific manufacturer (commonly **Nidec Copal** or **Omron**).
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | DIP Switch / Slide Switch |
| **Number of Positions** | 1 Position |
| **Switch Type** | SPST (Single Pole Single Throw) |
| **Actuator Style** | Raised or Recessed Slide |
| **Mounting Type** | Surface Mount (SMD) or Through-Hole |
---
### 2. Electrical Characteristics
These parts are designed for low-power signal switching rather than high-power applications.
* **Current Rating (Switching):** Usually around **25mA to 100mA** at 24V DC.
* **Current Rating (Non-switching):** Up to **100mA** at 50V DC (Steady state).
* **Contact Resistance:** Typically **50mΩ to 100mΩ** (initial maximum).
* **Insulation Resistance:** Minimum **100MΩ** at 100V DC.
* **Dielectric Strength:** **500V AC** for 1 minute.
---
### 3. Physical & Mechanical Properties
The construction of the UDS-1B-R is designed to withstand industrial soldering processes and environmental stress.
1. **Materials:**
* **Base/Cover:** High-temperature PPS (Polyphenylene Sulfide) or LCP (Liquid Crystal Polymer) to survive Reflow Soldering.
* **Contacts:** Gold-plated over nickel (ensures long-term reliability and prevents oxidation).
2. **Actuation Force:** Generally between **1.0N to 8.0N** (approx. 100g to 800g).
3. **Durability:** Rated for approximately **1,000 to 2,000 cycles** (mechanical life).
---
### 4. Common Applications
The UDS-1B-R is used in electronics where user-definable hardware settings are required without the need for software programming:
* **Address Setting:** Setting IDs for devices on a communication bus (e.g., RS-485).
* **Mode Selection:** Toggling between "Debug Mode" and "Normal Mode" on a controller.
* **Configuration:** Adjusting frequency bands or gain settings on industrial sensors.
---
### 5. Circuit Representation
The electronic symbol for the UDS-1B-R is a simple switch. In a logic circuit, it is usually paired with a **Pull-up** or **Pull-down** resistor to ensure a stable High or Low state.
```text
VCC (3.3V / 5V)
|
[ R ] (Pull-up Resistor, e.g., 10k)
|
+------> Logic Output (To Microcontroller)
|
[ / ] (UDS-1B-R Switch)
|
GND
```
- ⤷
What is the difference between the 'R' and 'T' suffixes in UDS series part numbers?
- ⤷ Can the UDS-1B-R be used for high-voltage AC switching?
- ⤷ What are the recommended reflow soldering temperatures for this SMD component?