UDS-A4-R
AI

The **UDS-A4-R** typically refers to a high-precision, industrial-grade ultrasonic double-sheet detector sensor, commonly used in printing, packaging, and paper processing industries. Its primary electronic function is to detect whether a single sheet, double sheets, or no sheets are present between the transmitter and receiver.
---
### Core Electronic Components and Specifications
The device operates using a pair of ultrasonic transducers and sophisticated processing circuitry.
| Component / Feature | Description |
| :--- | :--- |
| **Transducer Type** | Ultrasonic (Piezoelectric) high-frequency sensors. |
| **Operating Voltage** | Typically 18V to 30V DC (Standard 24V DC). |
| **Output Type** | Push-Pull (NPN/PNP) or Discrete Switching outputs. |
| **Interface** | M12 Connector (4-pin or 5-pin) for power and signal. |
| **Signal Processing** | Integrated Microcontroller for amplitude analysis. |
| **Detection Frequency** | High-frequency ultrasonic pulse (approx. 200–400 kHz). |
---
### Functional Electronic Blocks
1. **Ultrasonic Transmitter:**
The transmitter converts electrical energy into high-frequency sound waves. These waves are focused toward the receiver.
2. **Ultrasonic Receiver:**
The receiver captures the sound waves that have passed through the material. It converts the mechanical vibration back into an analog voltage.
3. **The Signal Comparator (Logic Unit):**
The internal electronics compare the received signal amplitude against stored "thresholds":
* **High Amplitude:** No sheet (Air).
* **Medium Amplitude:** Single sheet (Normal operation).
* **Low/Zero Amplitude:** Double sheets or spliced material (The sound is blocked/reflected too much).
4. **Teach-In Circuitry:**
Allows the user to calibrate the electronics to specific paper weights (grams per square meter) via a button or an external input wire.
---
### Wiring Pinout (Typical M12 Connector)
| Pin Number | Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +24V DC (Power) |
| 2 | White | Output 2 (Double Sheet / Error) |
| 3 | Blue | 0V (Ground) |
| 4 | Black | Output 1 (Single Sheet / Presence) |
| 5 | Gray | Teach-in / Remote Input |
---
### Performance Characteristics
* **Response Time:** Extremely fast (typically < 50ms) to accommodate high-speed machinery.
* **Material Sensitivity:** Since it is electronic/ultrasonic, it is unaffected by the color, transparency, or metallic print of the paper.
* **Protection:** Integrated protection against short circuits and reverse polarity.
- ⤷
How do I calibrate the UDS-A4-R for different paper thicknesses?
- ⤷ What is the difference between NPN and PNP output configurations in this sensor?
- ⤷ Can the UDS-A4-R detect plastic films or only paper?