UDS-B3-R.
AI

Based on the technical specifications for the **Woodpecker UDS-B3-R** (a built-in ultrasonic piezo scaler often used in dental units), here is a breakdown of its electronic components and system architecture.
### 1. System Overview
The UDS-B3-R is an **OEM built-in module** designed to be integrated into a dental delivery system. Unlike tabletop units, it relies on the dental chair's power supply and foot control interface.
---
### 2. Key Electronic Components
| Component | Function | Technical Detail |
| :--- | :--- | :--- |
| **Main Control PCB** | The "Brain" of the unit. | Processes input signals from the foot pedal and regulates power output to the handpiece. |
| **Piezoelectric Transducer** | Energy Conversion. | Located inside the handpiece; converts electrical energy into high-frequency mechanical vibrations (28kHz ± 3kHz). |
| **Power Transformer/Input** | Voltage Regulation. | Typically requires **24VAC 50Hz/60Hz** input from the dental unit's transformer. |
| **Potentiometer Interface** | User Interface. | Connects to a dial on the dental unit to adjust the vibration intensity (Power). |
| **Solenoid Valve Port** | Fluid Control. | Triggers the flow of cooling water when the ultrasonic function is activated. |
---
### 3. Functional Modules
#### A. Automatic Frequency Tracking
The electronic circuit features a feedback loop that detects the resonant frequency of the scaling tip currently in use.
* **Benefit:** It automatically adjusts the output frequency to ensure the tip stays in a steady state of vibration regardless of the load (pressure applied).
#### B. Power Regulation Circuit
The UDS-B3-R uses pulse-width modulation or similar power-shaping techniques to control the amplitude of the tip's stroke.
* **Output Power:** Ranges from **3W to 20W**.
* **Adjustment:** Controlled via an external 10k or 20k ohm potentiometer provided with the kit.
#### C. Handpiece Connection (HW-3H)
The electronic connection to the handpiece is usually a multi-pin connector that carries:
1. High-voltage AC signal for the Piezo ceramic discs.
2. Grounding/Shielding to prevent Electromagnetic Interference (EMI).
---
### 4. Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Main Unit Input** | 24V~ 50Hz/60Hz 1.3A |
| **Output Tip Vibration Frequency** | 28kHz ± 3kHz |
| **Output Primary Vibration Excursion** | ≤100μm |
| **Water Pressure** | 0.01MPa to 0.5MPa (0.1bar to 5bar) |
| **Weight of Main Unit** | Approximately 0.2kg (PCB only) |
---
### 5. Wiring and Installation Logic
The electronic integration follows this logic:
1. **Power:** 24VAC input from the chair's transformer to the PCB pins.
2. **Control:** Connection to the chair's pneumatic-electric switch (foot pedal).
3. **Adjustment:** Potentiometer wired to the PCB for intensity control.
4. **Output:** Handpiece cable and Solenoid valve (for water) connections.
---
- ⤷What are the most common electronic failure points in the UDS-B3-R?
- ⤷ How does the automatic frequency tracking circuit work in piezo scalers?
- ⤷ What is the difference between the UDS-B3 and the UDS-N3 built-in models?