AI

The **UDS-D1-R/E2** is a high-performance digital ultrasonic diagnostic system, primarily utilized in medical imaging. To understand its electronic parts, we must break it down into its core signal processing architecture and hardware components.
---
### 1. Core Hardware Architecture
The electronic system is designed to handle high-speed data acquisition and real-time image processing.
| Component Group | Key Functionality | Primary Electronic Parts |
| :--- | :--- | :--- |
| **Transducer Interface** | Converts electrical pulses to mechanical waves and vice versa. | Piezoelectric crystals, matching layers, acoustic lens. |
| **Front-End (AFE)** | Amplification and digitization of weak ultrasonic signals. | Low-noise amplifiers (LNA), Variable Gain Amplifiers (VGA), and ADCs. |
| **Processing Unit** | Real-time image reconstruction and Doppler calculations. | High-speed FPGA (Field Programmable Gate Array) and DSP. |
| **Display/Output** | Visual interface and user controls. | LCD/LED Driver circuits, GPU, and HDMI/VGA output controllers. |
---
### 2. Key Electronic Modules
#### A. The Pulse Transmitter (Beamformer)
The electronic "heart" of the device. It generates high-voltage electrical pulses (often ranging from 20V to 100V) to excite the transducer.
* **MOSFET Switches:** Used for fast switching of high-voltage pulses.
* **Programmable Delay Lines:** Necessary for steering and focusing the ultrasonic beam.
#### B. The Analog-to-Digital Conversion (ADC)
Since the reflected echoes are analog, high-speed **12-bit or 14-bit ADCs** are used to convert these signals into digital data for the FPGA. This ensures a high signal-to-noise ratio (SNR) for clearer images.
#### C. Power Management System
Medical devices require extremely stable power to prevent noise artifacts in imaging.
* **Isolation Transformers:** To ensure patient safety and reduce electrical leakage.
* **DC-DC Converters:** To provide specific voltages (e.g., 1.2V for FPGA, 5V for Logic, 100V for Transducers).
---
### 3. Signal Path Workflow
1. **Transmission:** The CPU sends a command $\rightarrow$ FPGA triggers the High-Voltage Pulser $\rightarrow$ Transducer.
2. **Reception:** Transducer receives echo $\rightarrow$ Time Gain Compensation (TGC) circuit adjusts for depth attenuation $\rightarrow$ ADC digitizes signal.
3. **Processing:** FPGA performs digital beamforming $\rightarrow$ DSP applies filters (Speckle reduction, Edge enhancement) $\rightarrow$ Memory Buffer.
4. **Display:** The processed data is sent via the Video Controller to the monitor.
---
### 4. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Probe Ports** | Multi-socket electronic switching |
| **Scanning Method** | Electronic Linear, Electronic Convex, Electronic Micro-convex |
| **Processing Core** | ARM + FPGA Architecture |
| **Communication** | DICOM 3.0, USB 2.0/3.0, RJ45 Ethernet |
- ⤷
What is the role of Time Gain Compensation (TGC) in this specific model?
- ⤷ Can you explain the difference between the FPGA and DSP roles in medical ultrasound?
- ⤷ What are the common maintenance steps for the transducer connector pins?