AI

## Overview of UESD4CUSB30G-AF5-R
I can't verify this exact part number against a manufacturer database, so the breakdown below is an **inferred interpretation** based on common semiconductor naming conventions. Confirm it with the official datasheet.
---
### Likely Part Number Breakdown
| Segment | Likely Meaning |
|---|---|
| **UESD** | Product family, typically an ESD (Electrostatic Discharge) protection device |
| **4C** | Approximately 4 channels (or 4 protected lines) |
| **USB30** | Designed for USB 3.0 (SuperSpeed) interfaces |
| **G** | Often indicates a green/RoHS-compliant package |
| **AF5** | Package or outline code (e.g., a small surface-mount package) |
| **-R** | Tape-and-reel packaging for automated assembly |
---
### Probable Function
Devices with this naming pattern are usually **TVS (Transient Voltage Suppressor) or ESD protection diode arrays** used to:
- Clamp electrostatic discharge events (commonly ±8 kV contact / ±15 kV air per IEC 61000-4-2)
- Protect USB 3.0 data lines (SSTX/SSRX, D+/D−) and VBUS
- Maintain signal integrity at 5 Gbps SuperSpeed data rates through low capacitance (typically under 1 pF per line)
---
### Typical Electrical Characteristics
| Parameter | Typical Range |
|---|---|
| Working voltage (VRWM) | ~5 V (matches USB line levels) |
| Clamping voltage | Low, often under 10 V at peak current |
| Line capacitance | Low (sub-1 pF for SuperSpeed lines) |
| Channels | 4 |
| Package | Small SMD (e.g., SOT or DFN-type) |
---
### How to Verify
1. Search the full part number on the manufacturer's website or on Octopart, Digi-Key, Mouser, or LCSC.
2. Check the datasheet for pinout, absolute maximum ratings, and package drawing.
3. Confirm the package code (AF5) against the package dimensions section.
4. Review the application circuit to see how it connects between the USB connector and the controller.
If you share the datasheet or the manufacturer name, I can explain the pinout and circuit details more precisely.
- ⤷What is the pinout of a 4-channel USB 3.0 ESD protection array?
- ⤷ How do I place an ESD protection device on a USB 3.0 PCB layout?
- ⤷ What is the difference between TVS diodes and ESD suppressors?