Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UG18ACT

  • AI
    The **UG18ACT** is a specific technical code usually associated with **Automated Guided Vehicles (AGVs)** or material handling robots, often integrated into industrial warehouse systems. It typically refers to a core controller or a drive assembly module. Below is an overview of the electronic components and systems typically found within this type of unit. --- ### 1. Core Electronic Specifications The "ACT" suffix usually denotes an **Actuator Control Terminal** or an **Active Control Unit**. | Component Type | Common Specification | Function | | :--- | :--- | :--- | | **Microcontroller** | 32-bit ARM Cortex or RISC-based | Processes sensor data and executes motion logic. | | **Input Voltage** | 24V DC or 48V DC | Standard industrial power supply rails. | | **Communication** | CAN bus, RS-485, or EtherCAT | Interfaces with the central PLC or other AGV modules. | | **Drive Type** | PWM (Pulse Width Modulation) | Controls the speed and torque of brushless motors. | --- ### 2. Key Internal Electronic Sub-systems #### A. Motion Control Board This is the "brain" of the unit. It contains the logic gates and processors necessary to translate digital commands into physical movement. It manages: * **Acceleration/Deceleration ramps.** * **Path correction** via PID (Proportional-Integral-Derivative) loops. #### B. Power MOSFETs / IGBTs These are high-power electronic switches located on the drive board. They handle the heavy current required to turn the motors. They are usually mounted to a heat sink to dissipate thermal energy generated during operation. #### C. Feedback Sensors (Encoders) The electronic assembly includes interfaces for **Optical or Magnetic Encoders**. These sensors provide real-time data back to the UG18ACT regarding: * Wheel position. * RPM (Rotations per minute). * Direction of travel. #### D. Protection Circuitry To prevent electronic failure, the unit includes: * **Opto-isolators:** To protect the logic board from high-voltage spikes in the motor circuit. * **TVS Diodes:** For transient voltage suppression. * **Thermal Cut-offs:** To shut down the unit if the MOSFETs overheat. --- ### 3. Connection Pinout Example While specific pinouts vary by manufacturer, a standard UG18ACT-style module follows this general electronic layout: ```yaml Pin 1-2: Power Input (+/- DC) Pin 3-5: Motor Phase Outputs (U, V, W) Pin 6-7: CAN High / CAN Low (Communication) Pin 8: Emergency Stop Loop (E-Stop) Pin 9-12: Encoder Feedback Input ``` --- ### 4. Common Failure Points * **Capacitor Aging:** Electrolytic capacitors in the power stage may dry out over 5-10 years. * **Communication Noise:** Improper shielding of the CAN bus wires can lead to "Packet Loss" errors. * **Solder Fatigue:** High-vibration environments (typical for AGVs) can cause microscopic cracks in the solder joints of the main processor.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for your UG18ACT module?
    • ⤷ Are you looking for a wiring diagram or a troubleshooting guide?
    • ⤷ What error code is the unit currently displaying?