UL66CG-06-AB3-R
AI

The **UL66CG-06-AB3-R** is a specific integrated circuit, typically categorized as a **Voltage Detector** or **Reset IC**, often manufactured by UTC (Unisonic Technologies Co., Ltd). These components are essential for monitoring power supply levels and ensuring microcontrollers or digital systems start or reset correctly.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the UL66 series, here are the primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Function** | CMOS Voltage Detector |
| **Detection Voltage** | 0.6V (indicated by the "-06") |
| **Output Type** | Push-Pull (indicated by "C") |
| **Package Type** | SOT-23 (indicated by "AB3") |
| **Operating Voltage Range** | 0.7V to 10V (Typical) |
| **Quiescent Current** | Low power consumption (~1.0µA) |
| **Packing Type** | Tape & Reel (indicated by "R") |
---
### 2. Part Number Breakdown
Understanding the suffix and prefix codes helps identify exact functionality:
* **UL66**: Series name (High-accuracy voltage detector).
* **C**: Output Configuration (C = CMOS / Push-Pull output; N = Open Drain).
* **G**: Halogen-free and Lead-free (Green product).
* **06**: Detection Voltage (0.6 Volts threshold).
* **AB3**: Package code for **SOT-23**.
* **R**: Shipping format (**Tape & Reel**).
---
### 3. Functional Pinout (SOT-23)
The device typically features three pins to perform its monitoring duty:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VOUT** | Reset Output signal. |
| 2 | **VDD** | Power supply input and monitoring pin. |
| 3 | **VSS** | Ground. |
---
### 4. Typical Applications
This electronic part is used in circuits where the system must be held in a "Reset" state until the power supply reaches a stable, safe operating voltage.
* **Microprocessor Reset:** Prevents code execution errors during power-up or power-down.
* **Battery Checkers:** Signals when a battery drops below a critical level.
* **Power Failure Detectors:** Provides a warning signal before the system loses total power.
* **Battery-Powered Gear:** Ideal for wearables or IoT devices due to extremely low current draw.
---
### 5. Implementation Example
Below is a simple representation of how the UL66 series is typically integrated into a circuit:
```cpp
// Logic Flow of the UL66CG
If (VDD < Detection_Voltage) {
VOUT = LOW; // System is kept in Reset
} else if (VDD > (Detection_Voltage + Hysteresis)) {
VOUT = HIGH; // System is allowed to run
}
```
---
- ⤷What is the difference between CMOS and Open-Drain output in voltage detectors?
- ⤷ How does the hysteresis feature prevent chatter in the UL66 series?
- ⤷ What are the alternative packages available for the UL66 series?