UL66XG-06-AF5-R
AI

The **UL66XG-06-AF5-R** is a specific electronic component, typically associated with specialized power management or signal interface integrated circuits (ICs). Based on standard naming conventions from manufacturers like UTC (Unisonic Technologies), this part is generally a **Low Dropout (LDO) Linear Regulator** or a similar power distribution switch.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the physical and electrical characteristics of the component:
| Component Segment | Description |
| :--- | :--- |
| **UL66XG** | Series Identifier (High Accuracy LDO / Power Switch) |
| **06** | Voltage Output (e.g., 0.6V or a specific version code) |
| **AF5** | Package Type (Typically **SOT-25** / SOT-23-5) |
| **R** | Packing Code (Tape & Reel) |
---
### 2. Key Technical Specifications
While exact parameters can vary by manufacturer, parts in this series generally follow these specifications:
* **Input Voltage Range:** Usually supports low-voltage rails (1.8V to 5.5V).
* **Output Current:** Capable of delivering between 300mA to 600mA depending on the thermal environment.
* **Low Dropout Voltage:** Designed to maintain regulation even when the input voltage is very close to the output voltage.
* **Quiescent Current:** Optimized for low power consumption, making it suitable for battery-powered devices.
* **Protection Features:**
* Thermal Shutdown (OTP)
* Short Circuit Protection (SCP)
* Over-Current Protection (OCP)
---
### 3. Pin Configuration (SOT-25)
Standard pinout for the AF5 (SOT-25) package in this series:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **EN / CE** | Enable / Chip Enable (High = On) |
| 4 | **NC / BP** | No Connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Common Applications
Due to its small footprint and efficiency, the UL66XG series is commonly used in:
1. **Mobile Devices:** Smartphones and tablets for sub-rail regulation.
2. **Portable Electronics:** Digital cameras and Bluetooth headsets.
3. **Post-Regulation:** Cleaning up noise from Switching Mode Power Supplies (SMPS).
4. **Reference Voltage:** Providing a stable 0.6V reference for sensor circuits.
---
- ⤷
What is the maximum input voltage for the UL66XG-06-AF5-R?
- ⤷ Can you provide a circuit diagram for a standard LDO application?
- ⤷ What are the thermal resistance values for the SOT-25 package?