Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ULC0511CDN

  • AI
    ## Technical Overview of ULC0511CDN The **ULC0511CDN** is a high-performance **Transient Voltage Suppressor (TVS) Diode Array**. It is specifically designed to protect sensitive electronic components from damage caused by Electrostatic Discharge (ESD), Electrical Fast Transients (EFT), and lightning surges. --- ### 1. Key Specifications The following table highlights the primary electrical characteristics of the ULC0511CDN: | Parameter | Symbol | Value | Units | | :--- | :--- | :--- | :--- | | **Reverse Stand-Off Voltage** | $V_{RWM}$ | 5.0 | Volts (Max) | | **Reverse Breakdown Voltage** | $V_{BR}$ | 6.0 | Volts (Min) | | **Clamping Voltage (@ 1A)** | $V_C$ | 9.8 | Volts (Typ) | | **Peak Pulse Current** | $I_{PP}$ | 4.0 | Amps (8/20µs) | | **Junction Capacitance** | $C_j$ | 0.5 | pF (Typ) | | **Package Type** | DFN | 1006-2L | (0402 size) | --- ### 2. Core Functional Features * **Ultra-Low Capacitance:** With a typical capacitance of **0.5pF**, this component is suitable for high-speed data lines without causing signal degradation. * **Bidirectional Protection:** It provides protection for signals that swing above and below ground. * **Fast Response Time:** Features a response time of less than 1 nanosecond, ensuring immediate protection against rapid ESD strikes. * **Small Footprint:** The DFN1006 package (0.6mm x 1.0mm) is ideal for space-constrained applications like smartphones and wearables. --- ### 3. Common Applications The ULC0511CDN is typically used to protect the following interfaces: 1. **USB 2.0 / 3.0 / 3.1** Data Lines. 2. **HDMI 1.4 / 2.0** Ports. 3. **DisplayPort** interfaces. 4. **Antenna** circuits in mobile devices. 5. **Unified Memory** and high-speed BUS lines. --- ### 4. Typical Circuit Connection In a standard implementation, the device is placed in parallel between the data line and the ground (GND). ```mermaid graph LR A[Data Source] --- B((ULC0511CDN)) B --- C[Sensitive IC] B --- D[Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between unidirectional and bidirectional TVS diodes?
    • ⤷ How does junction capacitance affect high-speed data transmission?
    • ⤷ What are the recommended soldering temperature profiles for DFN1006 packages?