ULV5A-R005-JB
AI

### Technical Overview of ULV5A-R005-JB
The **ULV5A-R005-JB** is a high-precision, high-power **Current Sense Resistor**. It belongs to the ULV series, which is specifically designed for low-resistance applications requiring high stability and low inductance.
---
### Key Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | ULV | Ultra-Low Ohmic / Metal Strip |
| **Resistance Value** | 0.005 Ω (5 mΩ) | Low resistance for current monitoring |
| **Tolerance** | ±5% (J) | Accuracy level of the resistance |
| **Power Rating** | 5 Watts | Maximum power dissipation |
| **Packaging** | Bulk (B) | Standard non-taped packaging |
| **Technology** | Metal Element | Constructed using a robust metal alloy |
---
### Component Breakdown
#### 1. Part Number Decoding
* **ULV:** Ultra-Low Value/Series designation.
* **5A:** Indicates the physical size and power rating (5 Watts).
* **R005:** Represents the resistance value ($0.005$ Ohms or $5$ milliohms).
* **J:** Represents the tolerance code ($J = \pm 5\%$).
* **B:** Indicates the packaging type ($B = \text{Bulk}$).
#### 2. Construction and Design
Unlike standard carbon or thick-film resistors, the ULV series utilizes a **solid metal alloy element**. This design offers several advantages:
* **Heat Dissipation:** The metal strip construction allows for efficient thermal management.
* **Low Inductance:** Crucial for high-frequency switching power supplies.
* **High Surge Capability:** Can withstand short-duration high-current pulses better than film resistors.
#### 3. Common Applications
* **Power Supplies:** Used in DC-DC converters for output current sensing.
* **Motor Control:** Monitoring current flow to adjust torque or speed.
* **Battery Management Systems (BMS):** Measuring charge and discharge cycles in lithium-ion packs.
* **Automotive Electronics:** Used in electric power steering and braking systems.
---
### Technical Performance characteristics
* **Low TCR (Temperature Coefficient of Resistance):** Ensures that the resistance value remains stable even as the component heats up during operation.
* **Flameproof Construction:** The materials used are generally resistant to ignition, enhancing safety in power circuits.
- ⤷
What are the alternative tolerance options for the ULV series?
- ⤷ How does the 5-watt rating affect the physical dimensions of this resistor?
- ⤷ Can this resistor be used in high-frequency AC applications?