Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UM603S-AF5-R

  • AI
    The **UM603S-AF5-R** is a specialized integrated circuit (IC) primarily designed as a high-performance **Operational Amplifier (Op-Amp)** or a **Voltage Reference/Comparator** variant, often manufactured by UTC (Unisonic Technologies). Below is a detailed breakdown of its specifications, pinout, and typical applications. --- ### 1. General Specifications The UM603S is known for its low voltage operation and precision, making it ideal for battery-powered or portable electronics. | Feature | Description | | :--- | :--- | | **Package Type** | SOT-25 / SOT-23-5 (Small Outline Transistor) | | **Operating Voltage** | Typically 2.5V to 18V | | **Quiescent Current** | Low power consumption (Approx. 0.5mA to 1mA) | | **Output Type** | Push-Pull or Open Collector (Depending on specific sub-series) | | **RoHS Status** | Halogen-Free and Lead-Free (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown Understanding the suffix codes helps in identifying the exact physical and chemical properties of the component: * **UM603S**: The base model number (Operational Amplifier/Comparator). * **AF5**: Refers to the **SOT-25** package type. * **R**: Indicates that the part is supplied in **Tape and Reel** packaging and is compliant with environmental standards (RoHS). --- ### 3. Pin Configuration (SOT-25) Standard pinout for this series usually follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **OUT** | Output Signal | | 2 | **VSS / GND** | Ground connection | | 3 | **IN+** | Non-inverting input | | 4 | **IN-** | Inverting input | | 5 | **VDD / VCC** | Positive Power Supply | --- ### 4. Key Applications This IC is frequently found in power management and signal conditioning circuits: 1. **Switching Power Supplies (SMPS):** Used in the feedback loop to regulate output voltage. 2. **Battery Chargers:** Monitoring voltage levels to prevent overcharging. 3. **Voltage Monitoring:** Acting as a comparator to trigger alerts when a threshold is met. 4. **Signal Amplification:** Used in sensor interfaces where space is limited. --- ### 5. Equivalent/Alternative Parts If this specific part is unavailable, engineers often look at the following alternatives (verify pin compatibility before swapping): * **LM321** (Single Op-Amp in SOT-23-5) * **TLV171** (Micro-power Op-Amp) * **MCP601** (Rail-to-Rail Op-Amp) ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage ratings for the UM603S-AF5-R?
    • ⤷ Can this IC be used as a direct replacement for an LM358 in a SOT-25 package?
    • ⤷ What is the typical gain-bandwidth product for this component?