UM604-S16-R
AI

The **UM604-S16-R** is a specialized Integrated Circuit (IC) primarily designed for telephone and communication systems. It functions as a **Dual-Tone Multi-Frequency (DTMF) Generator**.
Below is a detailed breakdown of its electronic components, technical specifications, and pinout architecture.
---
### 1. General Overview
The UM604 series is designed to convert digital inputs (usually from a keypad matrix) into high-quality DTMF tones used for dialing in landline telecommunications.
| Feature | Specification |
| :--- | :--- |
| **Function** | DTMF Tone Generator |
| **Package Type** | SOP-16 (Small Outline Package, 16 pins) |
| **Technology** | CMOS (Low power consumption) |
| **Mounting Type** | Surface Mount (SMD) |
| **Supply Voltage** | 2.0V to 5.5V |
---
### 2. Key Internal Components
The IC contains several functional blocks that manage the signal generation:
1. **Keyboard Interface:** Scans a 4x4 matrix keyboard (Rows and Columns) to detect key presses.
2. **Frequency Reference:** Uses an external 3.579545 MHz color-burst crystal to maintain precise timing.
3. **Digital-to-Analog Converter (DAC):** Converts the calculated digital sine waves into analog signals.
4. **Operational Amplifier:** Buffers the output to ensure the signal can drive standard telephone lines.
---
### 3. Pin Configuration (16-Pin SOP)
The "S16" in the part number refers to the 16-pin layout.
| Pin Number | Label | Function |
| :--- | :--- | :--- |
| 1-4 | R1 - R4 | Row inputs for the keypad matrix. |
| 5 | Vss | Ground (0V). |
| 6-9 | C1 - C4 | Column inputs for the keypad matrix. |
| 10 | OSCI | Oscillator Input (Connection for 3.58MHz Crystal). |
| 11 | OSCO | Oscillator Output. |
| 12 | Vdd | Positive Power Supply. |
| 13 | TONE OUT | The DTMF composite signal output. |
| 14 | MUTE | Mutes the speech circuit during dialing. |
| 15 | XMUTE | Complementary Mute output. |
| 16 | HK | Hook Switch input. |
---
### 4. Technical Characteristics
* **Low Distortion:** The dual-tone output is generated with high spectral purity to ensure compatibility with central office switching equipment.
* **Low Standby Current:** Since it is a CMOS device, it consumes very little power when no key is pressed, making it ideal for line-powered devices.
* **Operating Temperature:** Typically rated for -20°C to +70°C.
---
### 5. Part Number Breakdown
* **UM604:** The base model/series (DTMF Generator).
* **S:** Refers to the Package style (SOP).
* **16:** Indicates the number of pins.
* **R:** Usually indicates "Tape & Reel" packaging for automated assembly.
- ⤷
What are the typical applications for the UM604-S16-R besides landline phones?
- ⤷ How does the external crystal frequency affect the dialing accuracy?
- ⤷ What are the power consumption levels during active dialing?