UM605BL-AF5-R
AI

The **UM605BL-AF5-R** is a specialized electronic component primarily categorized as an **Integrated Circuit (IC)**, specifically a high-precision, low-voltage, or analog controller often used in power management or signal conditioning. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd).
Below is a detailed breakdown of its specifications and characteristics.
---
### 1. General Specifications
| Feature | Details |
| :--- | :--- |
| **Part Number** | UM605BL-AF5-R |
| **Manufacturer** | UTC (Unisonic Technologies) |
| **Package Type** | SOT-25 (AF5) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Status** | Lead-Free / RoHS Compliant |
| **Packing Type** | Tape & Reel (R) |
### 2. Technical Characteristics
The UM605 series is typically known for its role in **Voltage Reference and Control**. While specific datasheets may vary based on revisions, the core attributes usually include:
* **Low Operating Current:** Designed for power efficiency in battery-operated devices.
* **High Precision:** Provides a stable output or reference voltage with low thermal drift.
* **Compact Footprint:** The SOT-25 package is extremely small, making it ideal for space-constrained PCB designs like mobile phones or portable chargers.
### 3. Pin Configuration (Typical SOT-25)
*Note: Always verify with the specific manufacturer datasheet for the exact pinout.*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUT | Output signal or regulated voltage |
| 2 | GND | Common ground |
| 3 | FB / ADJ | Feedback or Adjustment pin |
| 4 | EN / VCC | Enable pin or Supply voltage input |
| 5 | NC / VCC | No Connection or Supply Input |
### 4. Applications
The UM605BL-AF5-R is frequently found in the following circuits:
1. **Switching Power Supplies:** Used as a secondary-side controller to manage voltage regulation.
2. **Battery Chargers:** Acting as a precision reference to prevent overcharging.
3. **LDO Regulators:** Providing stable power to microcontrollers and sensors.
4. **AC-DC Adapters:** Used in the feedback loop for isolated power conversion.
---
### 5. Decoding the Part Number
Understanding the suffixes helps in identifying the exact variant:
* **UM605:** The base series identifier.
* **BL:** Refers to specific voltage accuracy or low-power classification.
* **AF5:** Indicates the **SOT-25** package type.
* **R:** Indicates **Tape & Reel** packaging for automated assembly.
- ⤷
What are the equivalent alternative parts for the UM605BL-AF5-R?
- ⤷ Can you provide the exact input voltage range for this IC?
- ⤷ How does the 'BL' version differ from the standard UM605 version?