Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UML2502G-AE3-R

  • AI
    ## Analysis of the UML2502G-AE3-R The **UML2502G-AE3-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies Co.)**. It is primarily categorized as an **N-Channel Enhancement Mode MOSFET**. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the device: | Feature | Specification | Unit | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 20 | V | | **Continuous Drain Current ($I_D$)** | 2.5 | A | | **Gate-Source Voltage ($V_{GSS}$)** | ±12 | V | | **Drain-Source On-Resistance ($R_{DS(on)}$)** | ~80 (at $V_{GS}=4.5V$) | mΩ | | **Package Type** | SOT-23-3 | - | | **Configuration** | Single N-Channel | - | --- ### 2. Part Number Breakdown The suffixing and prefixing of the part number typically provide the following information: * **UML2502**: The base part series (N-Channel Power MOSFET). * **G**: Halogen-free and Lead-free (Green). * **AE3**: Package code for the **SOT-23** surface mount package. * **R**: Tape and Reel packaging. --- ### 3. Applications and Features The UML2502G is designed for low-voltage, high-speed switching applications. #### **Key Features:** * **Low On-Resistance:** Reduces power dissipation during the "ON" state. * **High Power and Current Handling:** Capable of managing up to 2.5A despite its small footprint. * **Surface Mount Design:** Small SOT-23 package ideal for high-density PCB layouts. #### **Typical Applications:** 1. **Load Switches:** Controlling power to specific sub-systems in portable electronics. 2. **DC-DC Converters:** Used in power management circuits. 3. **Battery Protection:** Integrated into BMS (Battery Management Systems) for mobile devices. 4. **LED Drivers:** Small-scale lighting control. --- ### 4. Pin Configuration The device uses a standard SOT-23 pinout: 1. **Gate (G):** Controls the switching of the MOSFET. 2. **Source (S):** Connected to the ground or negative side of the load. 3. **Drain (D):** Connected to the load.
    ✨ Follow-up Questions
    • ⤷ What are the alternative equivalent MOSFETs for the UML2502G?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?
    • ⤷ What is the maximum power dissipation (Pd) allowed for this SOT-23 package?