UP1496G-AE3-R
AI

## Technical Overview of UP1496G-AE3-R
The **UP1496G-AE3-R** is a high-performance synchronous buck (step-down) controller manufactured by **uPI Semiconductor Corp**. It is primarily designed to drive high-side and low-side N-channel MOSFETs in DC-DC conversion applications.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Function** | Synchronous Buck Controller |
| **Input Voltage Range** | 4.5V to 26V |
| **Output Voltage Range** | Adjustable (0.8V to 5V typical) |
| **Switching Frequency** | Constant On-Time (COT) Control |
| **Package Type** | SOT-23-6 (indicated by the "AE3" suffix) |
| **Number of Pins** | 6 Pins |
| **Status** | Lead-Free / RoHS Compliant |
---
### 2. Functional Features
* **Constant On-Time (COT) Control:** Provides fast transient response to load changes and maintains a relatively constant switching frequency.
* **High Efficiency:** By utilizing synchronous rectification (driving two MOSFETs), it reduces power loss compared to traditional diode-based buck converters.
* **Protection Circuitry:**
* **OCP (Over Current Protection):** Monitors the RDS(ON) of the low-side MOSFET to detect over-current.
* **OVP/UVP:** Over-voltage and Under-voltage protection for circuit safety.
* **Thermal Shutdown:** Protects the IC from overheating.
* **Soft-Start:** Integrated internal soft-start to prevent inrush current during power-up.
---
### 3. Pin Configuration (SOT-23-6)
| Pin No. | Name | Function |
| :--- | :--- | :--- |
| 1 | **GND** | Signal and Power Ground. |
| 2 | **FB** | Feedback Input. Connects to a resistor divider to set output voltage. |
| 3 | **EN / VCC** | Enable/Power Supply input. |
| 4 | **UGATE** | High-side Gate Driver output. |
| 5 | **PHASE** | Return path for High-side driver / Inductor connection. |
| 6 | **LGATE** | Low-side Gate Driver output. |
*(Note: Exact pinout may vary slightly depending on the specific sub-version; always refer to the manufacturer's datasheet for layout).*
---
### 4. Typical Applications
The UP1496G is commonly found in power management stages for:
* **Laptops and Notebooks:** Generating 3.3V or 5V system rails.
* **Graphic Cards (GPUs):** Handling auxiliary power rails.
* **Networking Equipment:** Routers and switches requiring high-efficiency conversion.
* **Motherboards:** VCCIO or other low-voltage high-current rails.
---
### 5. Part Number Decoding
* **UP1496**: Base model number.
* **G**: Green/Halogen-Free product.
* **AE3**: Package code (SOT-23-6).
* **R**: Tape and Reel packaging.
- ⤷
What are the equivalent alternative ICs for the UP1496G?
- ⤷ Can you provide a basic schematic for a 5V output using this controller?
- ⤷ How does Constant On-Time (COT) control compare to PWM control in this IC?