Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UP1868-AA3-R

  • AI
    The **UP1868-AA3-R** is a specific integrated circuit, typically categorized as a **Low Dropout (LDO) Linear Regulator** or a Power Management IC (PMIC) manufactured by **UTC (Unisonic Technologies)**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The UP1868 series is designed for applications requiring high stability and low noise. The suffix "AA3" usually denotes the package type (SOT-223), and "R" indicates Tape & Reel packaging. | Parameter | Description | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Fixed Output Voltage** | Specific to the model (often 1.2V to 5.0V range) | | **Maximum Output Current** | 1A (Typical) | | **Input Voltage Range** | Up to 6V - 10V (depending on sub-variant) | | **Package Type** | SOT-223 | | **Manufacturer** | UTC (Unisonic Technologies) | --- ### 2. Key Features * **Low Dropout Voltage:** Efficiently maintains output voltage even when the input voltage is only slightly higher than the output. * **Over-Current Protection:** Includes internal circuitry to prevent damage during a short circuit or overload. * **Thermal Shutdown:** Automatically turns off the device if the junction temperature exceeds safe limits. * **Low Quiescent Current:** Minimizes power consumption when the device is in an idle state, extending battery life in portable devices. --- ### 3. Pin Configuration (Typical SOT-223) In the AA3 package (SOT-223), the pinout generally follows this standard layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **V_IN** | Unregulated Supply Input | | 2 / Tab | **GND** | Ground Connection / Heat Sink | | 3 | **V_OUT** | Regulated Output Voltage | --- ### 4. Typical Application Circuit To ensure stability, LDOs like the UP1868 require external capacitors. ```markdown Vin ----[ C1 (10uF) ]----+----[ UP1868 ]----+----[ C2 (10uF) ]---- Vout | | | GND GND GND ``` * **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter. * **C2 (Output Capacitor):** Critical for stability and improving transient response. --- ### 5. Common Applications * Battery-powered equipment. * Post-regulator for switching power supplies. * Voltage reference for microcontrollers and sensors. * Communication equipment (WiFi modules, Bluetooth).
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the 'AA3-R' variant?
    • ⤷ How does the UP1868 compare to the LM1117 series?
    • ⤷ What are the thermal resistance values for the SOT-223 package on this chip?