UP1B-1R0-R
AI

The **UP1B-1R0-R** is a high-performance power inductor manufactured by Eaton (formerly Bussmann). It is part of the UP series, designed for high power density and efficiency in surface-mount applications.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 5.9 Amps |
| **Saturation Current (Isat)** | 9.0 Amps |
| **DC Resistance (DCR)** | 9.2 mΩ (Max) |
| **Package / Case** | Non-Standard (SMD) |
| **Dimensions** | 8.9mm x 6.1mm x 5.0mm |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Key Internal Components
The UP1B-1R0-R is engineered with specific materials to handle high current without excessive heat:
* **Core Material:** Ferrite core technology, which provides high efficiency and low core losses at high frequencies.
* **Winding:** Copper wire with high-temperature insulation to prevent short-circuiting under thermal stress.
* **Shielding:** It is a **shielded** inductor (indicated by the construction), which minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Terminations:** Matte tin-plated lead-free terminations, making it compliant with modern RoHS soldering standards.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Prefix | Series/Size | Inductance Code | RoHS Status |
| :--- | :--- | :--- | :--- |
| **UP** | **1B** | **1R0** | **-R** |
| Uni-Pac Series | Size Format (B) | 1.0 Microhenry | RoHS Compliant |
---
### 4. Common Applications
Due to its high saturation current and low DCR, this inductor is typically found in:
* **DC-DC Converters:** Used as an energy storage element in buck, boost, or buck-boost regulators.
* **Battery Powered Equipment:** Ideal for laptops, tablets, and handheld devices where space is limited but power demands are high.
* **Voltage Regulator Modules (VRM):** Specifically for CPUs and GPUs on motherboards.
* **Consumer Electronics:** LED drivers and power supplies for gaming consoles.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives to the UP1B series?
- ⤷ How does the ferrite core affect EMI compared to powdered iron cores?