UP1B-330-R
AI

## Technical Overview of UP1B-330-R
The **UP1B-330-R** is a high-performance, shielded power inductor designed by Eaton (formerly Bussmann/Coiltronics). It is part of the Uni-Pac (UP) series, specifically engineered for high power density and reliability in compact electronic circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 33 $\mu$H |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 1.1 Amps |
| **Saturation Current (Isat)** | 1.4 Amps |
| **DC Resistance (DCR)** | 0.203 Ohms (Typ) |
| **Package / Case** | SMD (Surface Mount Device) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Core Components and Construction
The "electronic parts" or physical makeup of this component involve several specialized materials:
* **Ferrite Core:** The internal core is made of ferrite, which provides high magnetic permeability while keeping energy losses (hysteresis) very low at high frequencies.
* **Winding:** High-quality copper wire is wound around the core. The "330" in the part number signifies the inductance value (33 followed by 0 zeros).
* **Magnetic Shielding:** The component is designed to minimize EMI (Electromagnetic Interference). The construction ensures that the magnetic field is largely contained within the inductor, preventing it from interfering with nearby sensitive components.
* **Terminations:** The pads are lead-free (indicated by the **-R** suffix, meaning RoHS compliant) and designed for reliable reflow soldering on PCBs.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying its characteristics:
1. **UP1B**: The series designation. "UP" stands for Uni-Pac, and "1B" refers to the specific physical size/footprint.
2. **330**: The inductance code. $33 \times 10^0 = 33 \mu$H.
3. **-R**: Indicates RoHS compliance (lead-free materials).
---
### 4. Common Applications
Due to its balance of size and current handling, the UP1B-330-R is typically used in:
* **DC-DC Converters:** Acts as an energy storage element in buck or boost regulators.
* **Battery Powered Equipment:** Used in handheld devices where efficiency and space are critical.
* **Filtering:** Used in power supply circuits to smooth out ripples and reduce noise.
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives to the UP1B series?
- ⤷ How does the DCR affect the efficiency of a power circuit?