UP2B-150-R
AI

## Technical Overview: UP2B-150-R Power Inductor
The **UP2B-150-R** is a high-performance, surface-mount (SMD) power inductor part of the **Uni-Pac 2 (UP2) series**, originally manufactured by Cooper Bussmann (now **Eaton**). It is designed for DC-DC converters and power supply filtering applications.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 15.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 2.83 Amps (Typical) |
| **Saturation Current (Isat)** | 2.50 Amps |
| **DC Resistance (DCR)** | 0.0416 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Physical & Material Composition
* **Core Material:** Ferrite core construction, which provides high efficiency and low core losses at high frequencies.
* **Shielding:** The "Shielded" design minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards where noise crosstalk must be avoided.
* **Termination:** Lead-free (RoHS compliant), typically featuring tin-over-copper terminations for reliable reflow soldering.
* **Form Factor:** The UP2B designation refers to a specific physical footprint (approximately 14mm x 10.4mm).
---
### 3. Part Number Breakdown
The part number follows a specific nomenclature:
* **UP2B:** The series name and physical size/package style.
* **150:** The inductance code. The first two digits are significant figures, and the third is the multiplier (15 + 0 zeros = **15 µH**).
* **R:** Indicates that the product is RoHS compliant.
---
### 4. Common Applications
This component is widely used in power management circuits, including:
1. **Buck/Boost Converters:** Used for energy storage and smoothing in voltage regulation.
2. **Laptops & Tablets:** Integrated into the internal power supply rails.
3. **LED Drivers:** Provides stable current for high-brightness lighting applications.
4. **Distributed Power Systems:** Used in industrial and telecommunications equipment.
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Are there smaller footprint alternatives for the UP2B series?
- ⤷ How does temperature affect the 15uH inductance rating?