UP2B-1R0-R
AI

The **UP2B-1R0-R** is a high-performance, shielded power inductor manufactured by Eaton (formerly Bussmann/Coiltronics). It is widely used in DC-DC converters and power management circuits.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 5.9 Amps |
| **Saturation Current (Isat)** | 11.0 Amps |
| **DC Resistance (DCR)** | 9.1 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | Surface Mount (SMD) |
| **Shielding** | Shielded (Drum Core) |
---
### ## Key Features & Construction
* **Shielded Design:** The inductor is magnetically shielded, which minimizes Electromagnetic Interference (EMI) and prevents the magnetic field from affecting nearby components.
* **High Power Density:** It is designed to handle high current levels relative to its physical footprint.
* **Material:** It typically utilizes a ferrite core, which provides low core losses at high frequencies.
* **Durability:** The "R" suffix indicates RoHS compliance, meaning it is lead-free and environmentally friendly.
---
### ## Common Applications
The UP2B-1R0-R is primarily found in power regulation circuits:
1. **DC-DC Converters:** Used as an energy storage element in Buck, Boost, or SEPIC converters.
2. **Voltage Regulator Modules (VRM):** Common in laptops, servers, and desktop motherboards.
3. **Battery Powered Systems:** Ideal for portable electronics due to its high efficiency and low DCR.
4. **Industrial Controls:** Used in distributed power systems where EMI suppression is critical.
---
### ## Decoding the Part Number
```text
UP 2B - 1R0 - R
| | | |
| | | └── RoHS Compliant
| | └──────── Inductance Value (1.0 microhenries)
| └─────────────── Size Code (Physical dimensions)
└─────────────────── Series Name (Uni-Pac)
```
- ⤷
What are the physical dimensions of the UP2B series package?
- ⤷ How does the saturation current affect the performance of this inductor?
- ⤷ What are the recommended alternatives for the UP2B-1R0-R in high-vibration environments?