UP2B-1R5-R
AI

## Technical Overview of UP2B-1R5-R
The **UP2B-1R5-R** is a high-performance, shielded power inductor designed by Eaton (formerly Cooper Bussmann/Coiltronics). It is widely used in power management circuits, specifically in DC-DC converters and switching power supplies.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **Current Rating (Isat)** | 8.0 Amps (Saturation Current) |
| **Current Rating (Irms)** | 5.8 Amps (Heating Current) |
| **DC Resistance (DCR)** | 9.0 mΩ (Typical) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (Surface Mount Device) |
---
### 2. Physical Characteristics
* **Shielding:** It is a **magnetically shielded** component. This is critical for high-density PCB layouts because it minimizes Electromagnetic Interference (EMI) with surrounding components.
* **Core Material:** Typically utilizes a ferrite core which offers low core losses at high frequencies.
* **Dimensions:** The "UP2B" series usually features a footprint of approximately $14.0\text{mm} \times 10.4\text{mm}$ with a height of $6.0\text{mm}$.
---
### 3. Functional Role in Electronics
The UP2B-1R5-R serves several primary functions in a circuit:
1. **Energy Storage:** In switching regulators (like Buck or Boost converters), it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current to provide a steady DC output.
3. **Noise Suppression:** Due to its shielded nature, it prevents switching noise from radiating into other sensitive parts of the system.
---
### 4. Common Applications
* **Notebooks and Tablets:** Powering processors and memory modules.
* **Telecommunications:** DC-DC line cards and network switches.
* **Industrial Controls:** Stable power regulation for sensors and PLCs.
* **LED Lighting:** Drivers requiring constant current regulation.
---
### 5. Part Number Breakdown
```text
UP 2 B - 1R5 - R
| | | | |
| | | | +-- RoHS Compliant
| | | +------- Inductance Value (1.5 µH)
| | +------------ Size/Series Code
| +-------------- Power Rating Class
+----------------- Uni-Pac Series (Brand/Family)
```
- ⤷What is the difference between Isat and Irms current ratings for this inductor?
- ⤷ Are there smaller footprint alternatives to the UP2B series with the same inductance?
- ⤷ How does magnetic shielding affect the efficiency of a DC-DC converter?