UP2C-101-R
AI

## Overview of UP2C-101-R
The **UP2C-101-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the Uni-Pac (UP) series, specifically designed for surface-mount (SMD) applications requiring high power density and electromagnetic interference (EMI) suppression.
---
### Technical Specifications
The following table summarizes the key electrical and physical characteristics of the UP2C-101-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.250 Ohms (Max) |
| **Rated Current (Isat)** | 1.10 Amperes |
| **RMS Current (Irms)** | 1.04 Amperes |
| **Core Material** | Ferrite |
| **Shielding** | Magnetically Shielded |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | SMD (approx. 12.9mm x 9.4mm x 5.0mm) |
---
### Key Features
1. **Magnetic Shielding:** The part is enclosed in a ferrite drum core with a ring, which minimizes EMI. This is crucial for sensitive circuits where noise can interfere with other components.
2. **High Power Density:** It offers a high current-carrying capacity relative to its physical footprint.
3. **Durability:** Designed to withstand high reflow temperatures and harsh industrial environments.
4. **Low DCR:** The low DC resistance helps in minimizing power loss through heat, increasing the overall efficiency of the power supply.
---
### Typical Applications
The UP2C-101-R is commonly used in power management circuits, including:
* **DC-DC Converters:** Buck, boost, and forward converters.
* **Computer Peripherals:** Laptops, servers, and storage devices.
* **Industrial Electronics:** Power supplies for automation and control systems.
* **Consumer Electronics:** LED drivers and portable battery-operated devices.
---
### Part Number Breakdown
The nomenclature `UP2C-101-R` can be decoded as follows:
* **UP2C**: The series designation and physical size/profile.
* **101**: The inductance code. The first two digits (10) are the significant figures, and the third digit (1) is the multiplier ($10 \times 10^1 = 100$ µH).
* **R**: Indicates that the product is RoHS compliant.
- ⤷
What are the alternative inductors with similar footprints?
- ⤷ How does the saturation current (Isat) affect circuit performance?
- ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?