UP2UC-1R0-R
AI

The **UP2UC-1R0-R** is a specific surface-mount power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the Uni-Pac (UP) series, which is known for its high power density and reliability in DC-DC converter applications.
---
### 1. Key Specifications
The technical attributes of the UP2UC-1R0-R are summarized in the table below:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 1.0 µH (Microhenry) |
| **Tolerance** | ±20% |
| **Current Rating (rms)** | 7.3 Amperes |
| **Saturation Current (Isat)** | 11.2 Amperes |
| **DC Resistance (DCR)** | 8.2 mΩ (Max) |
| **Package / Case** | UP2UC (Surface Mount) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **High Energy Storage:** Designed for high-frequency applications where high current handling is required in a small footprint.
* **Magnetic Shielding:** While some inductors in this class are unshielded, the UP2UC series utilizes a drum core construction that balances cost and EMI performance.
* **Robust Construction:** The "R" suffix indicates that the part is **RoHS compliant**, meaning it is free from hazardous substances like lead.
* **Material:** It typically uses a ferrite core, providing low core losses at high frequencies.
---
### 3. Application Use Cases
This component is primarily used in power management circuits. Common applications include:
1. **Buck/Boost Converters:** Stepping voltage up or down in battery-powered devices.
2. **Computer Peripherals:** Voltage Regulation Modules (VRMs) for CPUs and GPUs.
3. **Industrial Electronics:** Distributed power systems and DC-DC modules.
4. **Telecommunications:** Used in base stations and networking hardware for filtering and energy storage.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying similar parts:
* **UP2UC:** The series name and physical package size.
* **1R0:** The inductance value. The "R" acts as a decimal point ($1.0$). If it were $100$, it would mean $10$ µH.
* **R:** Indicates RoHS compliance.
- ⤷
What are the physical dimensions of the UP2UC package?
- ⤷ How does saturation current affect the performance of this inductor in a circuit?
- ⤷ What are the recommended alternatives if this specific part is out of stock?