UP3B-100-R
AI

## Overview of UP3B-100-R
The **UP3B-100-R** is a high-performance power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the **UP3B series**, which is designed for high-density surface-mount applications. These components are specifically engineered to handle high current while maintaining a small physical footprint.
---
### Technical Specifications
The following table summarizes the key electrical and physical properties of the UP3B-100-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 4.3 Amps |
| **Saturation Current (Isat)** | 5.8 Amps |
| **DC Resistance (DCR)** | 23.3 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package / Case** | 12.9mm x 9.4mm x 6.8mm (SMD) |
| **Shielding** | Unshielded |
---
### Key Features and Construction
1. **Material:** It uses a ferrite core construction, which provides high efficiency and low core losses at high frequencies.
2. **Mounting:** Designed for **Surface Mount Technology (SMT)**, making it suitable for automated pick-and-place assembly.
3. **Durability:** The "R" suffix indicates that the part is **RoHS compliant** (lead-free).
4. **Power Density:** The UP3B series is known for a high "energy storage to size" ratio, which is critical for compact electronic devices.
---
### Common Applications
The UP3B-100-R is primarily used in power management circuits where voltage needs to be regulated or filtered.
* **DC-DC Converters:** Acts as an energy storage element in buck, boost, or buck-boost converters.
* **Voltage Regulator Modules (VRMs):** Used in computing and server environments to stabilize power delivery to CPUs/GPUs.
* **Industrial Electronics:** Integrated into power supplies for sensors, motor controllers, and automation equipment.
* **Consumer Electronics:** Found in high-power handheld devices and battery chargers.
---
### Example Circuit Context
In a typical switching regulator circuit, the UP3B-100-R would be placed between the switching node and the output capacitor to smooth out the current ripples.
```spice
* Typical Buck Converter Placement *
[Switching IC] ----(SW Node)---- [UP3B-100-R] ----(Vout)---- [Load]
|
[Output Capacitor]
|
(GND)
```
- ⤷
What is the difference between shielded and unshielded inductors like the UP3B-100-R?
- ⤷ Can this inductor be used in high-frequency automotive applications?
- ⤷ How does temperature affect the saturation current of this component?