UP3B-220-R
AI

### Overview of the UP3B-220-R
The **UP3B-220-R** is a high-performance, shielded power inductor designed and manufactured by **Eaton (formerly Bussmann/Coiltronics)**. It belongs to the Uni-Pac (UP) family, which is widely recognized for its high power density and reliability in surface-mount (SMD) applications.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 22 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 3.1 Amps |
| **Saturation Current (Isat)** | 3.5 Amps |
| **DC Resistance (DCR)** | 40.5 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
| **Dimensions** | 13.9mm x 9.4mm x 6.8mm |
---
### Core Construction & Materials
1. **Magnetic Shielding:** The "UP3B" series features a drum core construction with a ferrite sleeve. This shielding minimizes electromagnetic interference (EMI), making it suitable for noise-sensitive circuits.
2. **Ferrite Core:** Utilizes a high-permeability ferrite material that provides low core losses at high frequencies.
3. **Lead-Free Compliance:** The "-R" suffix indicates that the part is **RoHS compliant**, utilizing lead-free finishes and materials.
---
### Common Applications
The UP3B-220-R is primarily used in power management circuits where compact size and high efficiency are required:
* **DC-DC Converters:** Buck, Boost, and SEPIC topologies.
* **Industrial Electronics:** Power supplies for automation and control systems.
* **Computer Peripherals:** Graphics cards, servers, and high-performance storage.
* **Telecommunications:** Network hubs and base station power modules.
---
### Performance Characteristics
* **Saturation Profile:** The inductor is designed to handle peak currents up to 3.5A before the inductance drops significantly.
* **Thermal Stability:** It maintains consistent performance across a wide temperature range, though designers should account for "Self-Heating" caused by the 3.1A RMS current rating.
* **High Frequency:** Optimized for switching frequencies ranging from 100 kHz up to several MHz.
- ⤷
What are the alternative inductors with similar footprints?
- ⤷ How does the 'Isat' rating affect the choice of this inductor in a buck converter?
- ⤷ What is the recommended solder reflow profile for the UP3B series?