UP5-3R3-R
AI

The **UP5-3R3-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the **Uni-Pac 5 (UP5)** series and is designed for high power density and efficiency in DC-DC conversion applications.
---
### 1. Key Technical Specifications
The model number encodes specific electrical properties. Below are the primary specifications for the **3R3** variant:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 3.3 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | ~14.1 Amps (Typical) |
| **Saturation Current (Isat)** | ~18.5 Amps (Typical) |
| **DC Resistance (DCR)** | ~4.7 mΩ (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package/Case** | SMD (Surface Mount Device) |
---
### 2. Component Composition & Design
The UP5-3R3-R is engineered with specific materials to handle high current while minimizing electromagnetic interference (EMI).
* **Core Material:** Ferrite core technology, which provides high efficiency and low core losses at high frequencies.
* **Shielding:** It is a **shielded inductor**. This means the magnetic field is contained within the component, preventing interference with neighboring components on the PCB.
* **Termination:** Lead-free (RoHS compliant), denoted by the **-R** suffix. The pads are typically tin-plated for reliable soldering.
---
### 3. Common Applications
Due to its low DCR and high current handling, this part is found in power management circuits:
1. **Buck/Boost Converters:** Used as the energy storage element in DC-DC voltage regulators.
2. **Server Power:** Distributed power systems and workstations requiring high-current point-of-load (POL) regulation.
3. **Voltage Regulator Modules (VRM):** Specifically for supplying power to CPUs and GPUs.
4. **Battery Powered Systems:** Where high efficiency is critical to extending battery life.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **UP5** | Product Series (Uni-Pac 5 - specific physical footprint) |
| **3R3** | Inductance Value (3.3 microhenries; 'R' acts as decimal) |
| **-R** | RoHS Compliant / Lead-Free |
---
- ⤷
What are the physical dimensions of the UP5 series footprint?
- ⤷ How does the saturation current (Isat) of this inductor affect circuit performance?
- ⤷ Are there recommended alternatives if the UP5-3R3-R is out of stock?