UR732ATTDR10F
AI

### Technical Overview of UR732ATTDR10F
The **UR732ATTDR10F** is a high-precision, current-sensing thick film chip resistor manufactured by **KOA Speer Electronics**. It is specifically designed for low-resistance applications where accurate current measurement and power management are critical.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | KOA Speer Electronics |
| **Resistance Value** | 0.10 Ohms (100 mΩ) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 0.25W (1/4 Watt) |
| **Package / Case** | 0805 (2012 Metric) |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C |
| **Technology** | Thick Film |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Detailed Breakdown of the Part Number
The part number follows a specific nomenclature used by KOA Speer:
* **UR73**: Series name (Current sensing thick film resistor).
* **2A**: Size code (0805 Imperial / 2012 Metric).
* **T**: Termination material (Standard Sn plating).
* **TD**: Packaging (7" 2mm pitch punched paper tape).
* **R10**: Resistance value (R indicates decimal; R10 = 0.10Ω).
* **F**: Resistance tolerance (±1%).
---
### 3. Features and Benefits
* **Low Resistance:** Allows for current sensing with minimal voltage drop and power loss.
* **High Reliability:** The thick film construction provides robust performance in harsh environments.
* **Small Form Factor:** The 0805 package is ideal for high-density surface mount (SMT) applications.
* **AEC-Q200 Qualified:** Suitable for automotive applications requiring high durability and reliability.
---
### 4. Common Applications
This component is typically found in circuits where monitoring current flow is necessary to protect the system or manage power:
1. **Battery Management Systems (BMS):** Monitoring charge/discharge rates.
2. **DC-DC Converters:** Providing feedback for current-mode control loops.
3. **Motor Controllers:** Sensing phase currents for torque or speed regulation.
4. **Power Supplies:** Overcurrent protection and load monitoring.
---
### 5. Footprint (0805)
```text
Dimensions (approximate):
L: 2.0mm ± 0.2mm
W: 1.25mm ± 0.1mm
T: 0.5mm ± 0.1mm
```
- ⤷
What are the alternative series to UR73 if I need a higher power rating in the same 0805 size?
- ⤷ How does the TCR of 100 ppm/°C affect the accuracy of the current reading at high temperatures?
- ⤷ Can this resistor be used in shunt applications for high-voltage circuits?