UR7510G-AF5-R
AI

## UR7510G-AF5-R: Electronic Specifications & Overview
The **UR7510G-AF5-R** is a high-speed, low-dropout (LDO) linear regulator manufactured by **UTC (Unisonic Technologies)**. It is specifically designed to meet the ultra-low voltage requirements of modern high-performance chips, such as DDR SDRAM termination and VTT bus voltages.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{OUT}$)** | Adjustable / Tracking |
| **Input Voltage Range ($V_{IN}$)** | 1.2V to 5.5V |
| **Output Current ($I_{OUT}$)** | Up to 1.5A (Continuous) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Dropout Voltage** | Typically 0.2V @ 1.5A |
| **Operating Temperature** | -40°C to +125°C |
| **Special Feature** | Lead-free/Halogen-free (Green) |
---
### 2. Pin Configuration (SOT-25)
The device typically follows a standard 5-pin layout for small-form-factor LDOs:
1. **VIN:** Power input for the regulator.
2. **GND:** Ground reference.
3. **VEN (Enable):** Logic high to turn on the device.
4. **VREF/ADJ:** Reference voltage input or adjustment pin for setting $V_{OUT}$.
5. **VOUT:** Regulated output voltage.
---
### 3. Functional Features
* **Fast Transient Response:** Designed to handle rapid changes in load current without significant voltage drops, making it ideal for CPU and memory power rails.
* **Low Quiescent Current:** Minimizes power consumption when the device is in an idle state.
* **Built-in Protections:**
* **Current Limiting:** Protects the IC from damage during over-current or short-circuit events.
* **Thermal Shutdown:** Automatically turns off the device if the internal junction temperature exceeds safe limits.
* **Stability:** Designed to be stable even with low-ESR (Equivalent Series Resistance) ceramic output capacitors.
---
### 4. Applications
The UR7510G is commonly found in the following electronic circuits:
* **DDR2/DDR3/DDR4 VTT Termination:** Providing the specific reference voltage for memory buses.
* **Motherboards & Laptops:** Powering low-voltage chipsets.
* **Network Cards:** Regulating voltage for high-speed data processing units.
* **Set-Top Boxes:** Managing power distribution for digital tuners and processors.
---
### 5. Part Number Decoding (UTC Naming Convention)
| Code | Meaning |
| :--- | :--- |
| **UR7510** | Series Model Number (1.5A LDO) |
| **G** | Halogen Free / Green Material |
| **AF5** | Package Code (SOT-25 / SOT-23-5) |
| **R** | Tape and Reel Packing |
- ⤷
What is the maximum power dissipation for the SOT-25 package of this IC?
- ⤷ Can this regulator be used for DDR4 VTT applications?
- ⤷ What are the recommended values for the input and output capacitors for the UR7510G?