UR7512L-AF5-R
AI

The **UR7512L-AF5-R** is a high-performance, low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is specifically designed for applications requiring high stability and low noise output.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | Fixed |
| **Output Voltage** | 1.2V |
| **Input Voltage Range** | Up to 6V |
| **Output Current** | 500mA (Continuous) |
| **Dropout Voltage** | Typically 0.2V @ 500mA |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the specific variant:
* **UR7512L**: The base model series. "12" denotes the **1.2V** fixed output.
* **L**: Represents "Lead-free" (RoHS compliant).
* **AF5**: Refers to the **SOT-25** (SOT-23-5) package style.
* **R**: Indicates the packaging format, usually **Tape & Reel**.
---
### 3. Pin Configuration
The device typically follows a standard 5-pin layout for LDOs:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Supply Input Voltage |
| 2 | **GND** | Ground |
| 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor (for noise reduction) |
| 5 | **VOUT** | Regulated Output Voltage |
---
### 4. Application Areas
Due to its low dropout and steady output, it is commonly used in:
* **Battery-Powered Equipment**: Maximizes battery life due to low quiescent current.
* **Communication Devices**: Providing clean power to RF modules.
* **Microcontrollers**: Supplying stable 1.2V core voltage for modern low-power MCUs and FPGAs.
* **Portable Electronics**: Tablets, smartphones, and handheld sensors.
---
### 5. Circuit Implementation
When designing with the UR7512L, it is recommended to use Ceramic Capacitors ($C_{IN}$ and $C_{OUT}$) to ensure stability and improve transient response.
```c
// Typical Connection Schematic
[Input 5V] ----+----[VIN] [VOUT]----+---- [Output 1.2V]
| |
[C_in] [C_out]
| |
[GND] ---------+----------[GND]----------+----- [GND]
```
- ⤷
What is the maximum power dissipation for the SOT-25 package?
- ⤷ Does this LDO require a specific ESR range for the output capacitor?
- ⤷ Are there adjustable versions of the UR75 series available?