US202AHL-AF5-R
AI

The **US202AHL-AF5-R** is a specific integrated circuit produced by **Unisonic Technologies (UTC)**. It is primarily categorized as a **Low Dropout (LDO) Linear Voltage Regulator** designed for high-efficiency power management in space-constrained applications.
### 1. Key Technical Specifications
The following table outlines the core electrical characteristics of the US202AHL-AF5-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Adjustable (Low Voltage capability) |
| **Input Voltage Range** | Up to 6V (Typical) |
| **Output Current** | 200mA to 300mA (Standard for US202 series) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Dropout Voltage** | Ultra-Low Dropout (typically < 300mV at full load) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Components and Pinout
The "AF5" in the part number indicates a **SOT-25** (5-pin) package. The typical pin configuration is as follows:
1. **VIN**: Input Voltage supply.
2. **GND**: Ground reference.
3. **EN/CE**: Chip Enable (High = On, Low = Shutdown).
4. **ADJ/FB**: Feedback pin for setting the output voltage via external resistors.
5. **VOUT**: Regulated Output Voltage.
---
### 3. Features and Benefits
* **Low Quiescent Current**: Minimal power consumption during standby, extending battery life in portable devices.
* **High PSRR**: Power Supply Rejection Ratio, which helps filter out noise from the input power source.
* **Built-in Protection**:
* *Thermal Shutdown*: Prevents damage from overheating.
* *Current Limiting*: Protects the IC during short-circuit conditions.
* **Stability**: Optimized for use with low-ESR ceramic capacitors.
---
### 4. Part Number Breakdown
The nomenclature can be interpreted as follows:
* **US202**: Series name (LDO Regulator).
* **A**: Version/Accuracy code.
* **HL**: Specific internal feature set or voltage reference type.
* **AF5**: Package code (SOT-25 / SOT-23-5).
* **R**: Tape and Reel packaging (for automated PCB assembly).
---
### 5. Common Applications
* Battery-powered handheld equipment.
* Reference voltage sources for Microcontrollers (MCUs).
* Wireless modules (Wi-Fi/Bluetooth) requiring clean power.
* Digital cameras and mobile phones.
---
- ⤷What is the exact feedback voltage for the ADJ pin on the US202AHL?
- ⤷ What are the recommended values for the input and output capacitors?
- ⤷ How does the 'HL' suffix differ from the standard US202 model?