US203CLG-S08-R
AI

The **US203CLG-S08-R** is a high-performance integrated circuit (IC) primarily designed as an **Asynchronous Dual-Channel Hall Effect Latch**. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd).
This component is widely used in motor control and position sensing applications where precise speed and direction detection are required.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Dual Hall Effect Latch |
| **Package** | SOP-8 (Small Outline Package) |
| **Supply Voltage ($V_{CC}$)** | 3.5V to 24V |
| **Output Current** | 20mA (max) |
| **Operating Temp Range** | -40°C to +125°C |
| **Output Type** | Open Collector |
| **Magnetic Type** | Latching (N/S pole alternating) |
---
### 2. Functional Description
The US203CLG-S08-R integrates two Hall effect sensor elements on a single silicon chip. This dual-element design allows the chip to provide two separate output signals, which are essential for:
1. **Speed Sensing:** Measuring the frequency of the magnetic field changes.
2. **Direction Sensing:** By analyzing the phase difference between the two internal sensors (quadrature signals), the system can determine the rotation direction (clockwise vs. counter-clockwise).
---
### 3. Pin Configuration (SOP-8)
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | $V_{CC}$ | Supply Voltage Input |
| 2 | OUT 1 | Output Signal 1 (Digital) |
| 3 | OUT 2 | Output Signal 2 (Digital) |
| 4 | NC | No Connection |
| 5-8 | GND | Ground Connection |
---
### 4. Typical Applications
* **Brushless DC (BLDC) Motors:** For commutation and rotor position feedback.
* **Magnetic Encoders:** Converting rotary motion into digital quadrature pulses.
* **Power Tools:** Used in the triggers or motor assemblies for speed control.
* **Automotive Systems:** Window lifts, sunroof motors, and seat adjustments.
---
### 5. Circuit Implementation Note
Because the outputs are **Open Collector**, external **pull-up resistors** are required to interface with microcontrollers (like Arduino, ESP32, or STM32). Typically, a 4.7kΩ to 10kΩ resistor connected between the Output pin and $V_{CC}$ is sufficient.
```c
// Pseudo-code logic for Direction Sensing
if (Output1_Leading_Output2) {
direction = CLOCKWISE;
} else {
direction = COUNTER_CLOCKWISE;
}
```
---
- ⤷What is the difference between a Hall effect latch and a Hall effect switch?
- ⤷ Can this IC operate at 3.3V logic levels safely?
- ⤷ What is the recommended pull-up resistor value for a 5V system?