Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • US2ABF-SMBF

  • AI
    ## Technical Overview of US2ABF-SMBF The **US2ABF-SMBF** is a surface-mount, ultra-fast recovery power rectifier diode. It is designed for high-efficiency rectification in compact electronic circuits. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the US2ABF-SMBF: | Parameter | Value | Description | | :--- | :--- | :--- | | **Part Number** | US2ABF-SMBF | Ultra-fast Recovery Rectifier | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 50V | Maximum voltage the diode can withstand in reverse bias. | | **Max Average Forward Current ($I_{F(AV)}$)** | 2.0A | Maximum continuous forward current. | | **Max Forward Voltage Drop ($V_F$)** | 1.0V | Voltage loss when conducting at rated current. | | **Reverse Recovery Time ($t_{rr}$)** | 50ns | Time taken to stop conducting after switching from forward to reverse. | | **Operating Temperature ($T_J$)** | -55 to +150°C | Thermal operating range. | --- ### 2. Package and Mechanical Details The component utilizes the **SMBF** package, which is a low-profile version of the standard SMB (DO-214AA) package. * **Form Factor:** Surface Mount Device (SMD). * **Profile:** The "F" in SMBF stands for "Flat" or "Low Profile," making it ideal for thin electronic assemblies where vertical space is limited. * **Heat Dissipation:** Designed with a large flat contact area for efficient thermal transfer to the PCB. --- ### 3. Features and Applications #### Features * **Ultra-Fast Switching:** The 50ns recovery time minimizes switching losses, increasing the efficiency of high-frequency power supplies. * **High Current Capability:** Despite its small size, it handles up to 2 Amperes. * **Low Leakage Current:** Reduces power waste during the "off" state. #### Typical Applications 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Acts as a freewheeling diode. 3. **Inverters:** High-speed polarity protection and switching. 4. **Consumer Electronics:** Chargers, adapters, and mobile device power management. --- ### 4. Naming Convention Breakdown | Prefix | Value | Package | | :--- | :--- | :--- | | **US** | Ultra-Fast Recovery | High-speed switching technology | | **2** | 2.0 Amperes | Rated Average Forward Current | | **A** | 50 Volts | Voltage Rating code (A=50V, B=100V, etc.) | | **SMBF** | SMBF | Specific low-profile plastic mold package |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SMB and SMBF packages?
    • ⤷ How does reverse recovery time (trr) affect the efficiency of a power supply?
    • ⤷ Can this diode be used in high-voltage applications above 100V?