Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • US2ABG

  • AI
    The **US2ABG** is a high-efficiency, surface-mount **Ultra-Fast Recovery Rectifier Diode**. It is commonly used in power management circuits where high-speed switching and low power loss are critical. --- ## 1. Technical Specifications The following table outlines the core electrical characteristics of the US2ABG: | Parameter | Value | | :--- | :--- | | **Component Type** | Ultra-Fast Recovery Rectifier | | **Max Repetitive Reverse Voltage ($V_{RRM}$)** | 50V | | **Average Forward Current ($I_{F(AV)}$)** | 2.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes | | **Reverse Recovery Time ($t_{rr}$)** | < 50 nanoseconds | | **Forward Voltage Drop ($V_F$)** | ~1.0V @ 2.0A | | **Operating Temperature Range** | -55°C to +150°C | --- ## 2. Key Features and Construction * **Package Type:** Usually comes in an **SMB (DO-214AA)** surface-mount package, which provides a good balance between size and thermal dissipation. * **Ultra-Fast Switching:** The very low reverse recovery time ($t_{rr}$) minimizes switching losses, making it ideal for high-frequency applications. * **Glass Passivated Chip Junction:** The "G" in the suffix often indicates a glass-passivated junction, which enhances reliability and stability under high temperatures. * **Low Reverse Leakage:** Designed to prevent power loss when the diode is in a blocking state. --- ## 3. Common Applications The US2ABG is typically integrated into the following systems: 1. **Switching Mode Power Supplies (SMPS):** Used for rectification in high-frequency AC-to-DC converters. 2. **Inverters:** Acts as a freewheeling diode to protect transistors from inductive spikes. 3. **DC-DC Converters:** Facilitates efficient energy transfer in buck or boost regulators. 4. **Polarity Protection:** Protects sensitive electronic circuits against accidental battery reversal. --- ## 4. Circuit Symbol and Polarity In a schematic, the US2ABG is represented by a standard diode symbol. On the physical component: * **Cathode:** Marked by a color band (stripe) on the body. * **Anode:** The side without the stripe. ```text Anode Cathode ----|>|---- [ | ] ---- ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 50ns recovery time in high-frequency circuits?
    • ⤷ How does the US2ABG compare to a standard 1N4007 rectifier?
    • ⤷ What are the thermal considerations when mounting an SMB package on a PCB?