US3175LG-S08-R
AI

The **US3175LG-S08-R** is a high-performance integrated circuit (IC) primarily used as a **Low-Dropout (LDO) linear regulator** or a specialized **Bus Terminator** for DDR SDRAM applications. It is manufactured by companies like Unisonic Technologies (UTC).
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Type** | Adjustable / Fixed (VTT) |
| **Current Capability** | Up to 1.5A / 3.0A Peak |
| **Input Voltage Range** | 1.1V to 5.5V |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Operating Temp** | -40°C to +125°C |
| **Termination Support** | DDR, DDR2, DDR3, DDR4 |
---
### 2. Functional Description
The US3175 series is designed to provide a stable voltage supply for memory systems. Its internal architecture includes:
* **Sourcing and Sinking:** Unlike standard LDOs that only "push" current, this IC can both source and sink current to maintain the $V_{TT}$ (Termination Voltage) at exactly half of the $V_{DDQ}$ (Supply Voltage).
* **Built-in Protections:** It features **Thermal Shutdown** and **Current Limiting** to prevent damage during a short circuit or overheating.
* **Low Quiescent Current:** Designed for power efficiency in mobile or standby states.
---
### 3. Pin Configuration (SOP-8)
The "S08" in the part number indicates an 8-pin SOP package. Typical pin assignments are:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Power input for the internal control logic. |
| 2 | **GND** | Ground reference. |
| 3 | **REFOUT** | Reference voltage output. |
| 4 | **REFIN** | Reference voltage input (usually $V_{DDQ}/2$). |
| 5 | **VCNTL** | Control voltage (gate drive). |
| 6 | **VOUT** | The regulated output voltage ($V_{TT}$). |
| 7 | **VOUT** | Connected to Pin 6 for higher current handling. |
| 8 | **PGOOD / EN** | Power Good indicator or Enable pin. |
---
### 4. Part Number Breakdown
The suffixing follows standard industry naming conventions:
* **US3175**: Base part number (DDR Bus Terminator).
* **L**: Lead-free/RoHS compliant.
* **G**: Halogen-free material.
* **S08**: SOP-8 Package style.
* **R**: Tape & Reel packaging (for automated SMT assembly).
---
### 5. Common Applications
* DDR1/2/3/4 Memory Termination.
* SSTL-2 and SSTL-18 interface logic.
* Motherboards and Graphics Cards (VGA).
* Embedded systems requiring high-speed bus termination.
- ⤷
What is the difference between sourcing and sinking current in this IC?
- ⤷ Can this IC be used for general-purpose power regulation?
- ⤷ What is the recommended layout for thermal dissipation in the SOP-8 package?