US3176LG-S08-R
AI

The **US3176LG-S08-R** is a high-performance integrated circuit (IC) primarily used as a **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, low-noise output voltage even when the input voltage is very close to the output voltage.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The device is part of a family of regulators known for efficiency and minimal external component requirements.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | UTC (Unisonic Technologies Co., Ltd) |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Regulation Type** | Low Dropout (LDO) |
| **Output Type** | Adjustable or Fixed (Model dependent) |
| **Termination Style** | Surface Mount (SMD) |
---
### 2. Key Features
* **Low Dropout Voltage:** Typically requires a very small difference between input and output to maintain regulation (often < 500mV at full load).
* **High Output Accuracy:** Maintains a precise output voltage with minimal drift.
* **Protection Circuitry:**
* **Current Limiting:** Protects the device during short-circuit conditions.
* **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds safe limits.
* **Low Quiescent Current:** Consumes very little power during standby or low-load operations.
---
### 3. Pin Configuration (SOP-8)
In a standard SOP-8 package for this series, the pins are typically assigned as follows:
| Pin Number | Designation | Description |
| :---: | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage |
| 2, 3, 6, 7 | **NC/GND** | Often used for thermal dissipation or Ground |
| 4 | **ADJ / FB** | Adjust pin for setting voltage or Feedback |
| 5 | **EN / SHDN** | Enable or Shutdown pin (High = On, Low = Off) |
| 8 | **VIN** | Unregulated Input Voltage |
---
### 4. Part Number Decoding
The suffixing in the part number provides specific manufacturing details:
* **US3176**: The base part series (LDO Regulator).
* **L**: Lead-free / Halogen-free (Green).
* **G**: Grade or specialized performance indicator.
* **S08**: Package code for **SOP-8**.
* **R**: Tape & Reel (Packaging method for automated assembly).
---
### 5. Common Applications
* **Battery Powered Equipment:** Due to low power consumption.
* **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog circuits.
* **Communication Equipment:** Providing stable rails for RF modules and MCUs.
---
- ⤷What is the maximum input voltage for the US3176LG?
- ⤷ How do I calculate the external resistors for the adjustable version?
- ⤷ What are the thermal resistance values for the SOP-8 package?