Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • US3X75XG-S08-R

  • AI
    The **US3X75XG-S08-R** is a specific integrated circuit, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a similar power management component, often manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical parameters generally associated with this part series: | Parameter | Description / Typical Value | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (Standard Industrial/Consumer range) | | **Output Current** | Up to 3A | | **Switching Frequency** | ~500 kHz (Fixed) | | **Package Type** | SOP-8 (Standard 8-pin Surface Mount) | | **Efficiency** | Up to 93% | | **Operating Temp** | -40°C to +85°C | --- ### 2. Pin Configuration (SOP-8) The device is housed in an 8-pin Small Outline Package (SOP-8). While pinouts can vary slightly by revision, the standard configuration for this buck converter is: 1. **BS (Bootstrap):** Connection for high-side gate drive capacitor. 2. **IN:** Power supply input voltage. 3. **SW (Switch):** Output switching node connected to the inductor. 4. **GND:** Ground. 5. **FB (Feedback):** Input for the voltage divider to set output voltage. 6. **COMP:** Compensation node for control loop stability. 7. **EN (Enable):** Logic level input to turn the chip on/off. 8. **SS (Soft Start):** Controls the ramp-up time of the output voltage. --- ### 3. Core Features * **Synchronous Rectification:** It integrates internal MOSFETs (High-side and Low-side) to improve efficiency and reduce the need for external Schottky diodes. * **Current Mode Control:** Provides fast transient response and eases loop stabilization. * **Protection Mechanisms:** * **Over-Current Protection (OCP):** Prevents damage during short circuits. * **Thermal Shutdown:** Shuts off the device if the junction temperature exceeds limits. * **Under-Voltage Lockout (UVLO):** Prevents the chip from operating at insufficient input voltages. --- ### 4. Part Number Decoder The suffix usually provides manufacturing details: * **US3X75:** The base functional series (3A Buck Converter). * **S08:** Indicates the **SOP-8** package. * **R:** Indicates **Tape and Reel** packaging for automated assembly. * **G:** Often stands for **Halogen-Free** / Green compliance. --- ### 5. Application Circuit Example To use this part, a basic external circuit is required: ```text [Input Cap] --- [IN Pin] --- [Internal Switch] --- [Inductor] --- [Output Cap] | | [GND Pin] [FB Resistors] ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the inductor and output capacitor for a 5V output?
    • ⤷ Does this part support adjustable output voltages
    • ⤷ and how is it calculated?
    • ⤷ What is the specific difference between the 'G' and 'L' versions of this part?