Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • US3X77XG-S08-R

  • AI
    The **US3X77XG-S08-R** is a specific integrated circuit, typically categorized as a **High-Speed Comparator** or a specialized **Analog Switch/Logic Interface** component, often manufactured by UTC (Unisonic Technologies Co., Ltd). --- ### 1. General Specifications Based on the part numbering convention for this series, here is a breakdown of its core characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | High-Speed Integrated Circuit (Comparator/Buffer) | | **Package Type** | SOP-8 (Small Outline Package, 8 pins) | | **Mounting Type** | Surface Mount (SMD) | | **Operating Voltage** | Typically 2.0V to 5.5V | | **Packaging Logic** | "R" suffix indicates Tape & Reel for automated assembly | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the physical and functional attributes: * **US3X77**: The base series model number. * **XG**: Often represents a specific performance grade or halogen-free material status. * **S08**: Indicates the **SOP-8** package footprint. * **R**: Denotes **Tape & Reel** packaging (used for industrial pick-and-place machines). --- ### 3. Key Technical Features * **Low Power Consumption:** Designed for battery-operated or energy-efficient devices. * **High-Speed Switching:** Optimized for low propagation delay, making it suitable for signal processing. * **Rail-to-Rail Operation:** Capable of handling input/output swings that reach the supply rails. * **Thermal Stability:** Built to maintain performance across a standard industrial temperature range (-40°C to +85°C). --- ### 4. Common Applications These parts are generally found in the following electronic circuits: 1. **Level Shifters:** Converting signal voltages between different logic levels. 2. **Clock Recovery:** Cleaning up distorted timing signals in digital systems. 3. **Sensor Interfacing:** Comparing small analog voltages from sensors to trigger digital interrupts. 4. **Battery Management Systems (BMS):** Monitoring voltage thresholds for protection circuits. --- ### 5. Physical Pinout (Standard SOP-8) *While you should always consult the specific UTC datasheet for this exact revision, a standard SOP-8 configuration for this class of device usually follows:* ```text +---U---+ OUT1 | 1 8 | VCC IN1- | 2 7 | OUT2 IN1+ | 3 6 | IN2- GND | 4 5 | IN2+ +-------+ ```
    ✨ Follow-up Questions
    • ⤷ Can you provide the specific datasheet values for propagation delay?
    • ⤷ What are the equivalent alternative part numbers from other manufacturers like TI or ONsemi?
    • ⤷ How does the 'XG' suffix impact the environmental compliance (RoHS/Reach) of this part?