Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • USB2GPIOISO

  • AI
    The **USB2GPIOISO** is a specialized hardware bridge designed to convert USB signals into General Purpose Input/Output (GPIO) pins while providing **galvanic isolation**. This isolation protects the host computer (PC/Laptop) from high-voltage spikes, ground loops, or electrical noise originating from the target device. --- ### 1. Core Architectural Components The device generally consists of three functional stages: the USB interface, the isolation barrier, and the GPIO controller. | Component Group | Primary Function | Typical Integrated Circuits (ICs) | | :--- | :--- | :--- | | **USB Controller** | Handles USB protocol and converts to UART/I2C/SPI. | FTDI FT232R, CP2102, or CH340 | | **Digital Isolator** | Provides the 2.5kV - 5kV safety barrier for signals. | ADuM series (Analog Devices) or ISO7xxx (TI) | | **Isolated DC-DC** | Transfers power across the barrier without physical contact. | B0505S or integrated isoPower modules | | **GPIO Driver** | Buffers and protects the actual output pins. | Logic Level Shifters / Schmitt Triggers | --- ### 2. Key Electronic Features #### A. Galvanic Isolation (The "ISO" Part) This is the most critical feature. It uses **magnetic** or **capacitive** coupling to transfer data bits. * **Protection:** Prevents a short circuit on the GPIO side from blowing the USB port on the motherboard. * **Common Mode Rejection:** Eliminates noise caused by different ground potentials between the PC and the industrial equipment. #### B. Power Domain Separation The device is split into two power zones: 1. **Host Side (VCC_USB):** Powered directly by the 5V from the USB port. 2. **Isolated Side (VCC_ISO):** Powered by an onboard isolated DC-DC converter. This side often supports selectable logic levels (1.8V, 3.3V, or 5V) to match the target hardware. #### C. Communication Protocols While labeled "GPIO," these devices often multiplex pins to support standard serial protocols: * **I2C:** Clock (SCL) and Data (SDA) lines. * **SPI:** Master Out Slave In (MOSI), MISO, SCK, and CS. * **UART:** Transmit (TX) and Receive (RX). --- ### 3. Connection Diagram Overview ```mermaid graph LR A[USB Host PC] -- 5V/Data -- B(USB Controller) B -- TTL Signals -- C{Digital Isolator} C -- Isolated Signals -- D[GPIO Header] subgraph "Isolation Barrier" C end ``` --- ### 4. Technical Specifications Table | Parameter | Standard Range | | :--- | :--- | | **Isolation Voltage** | 1000V DC to 5000V AC | | **GPIO Count** | 4 to 16 pins depending on the model | | **Logic Levels** | 3.3V / 5V (Selectable via Jumper) | | **Max Current per Pin** | 10mA - 25mA | | **USB Version** | USB 2.0 Full Speed (12 Mbps) | ---
    ✨ Follow-up Questions
    • ⤷ How do I select between 3.3V and 5V logic levels on these devices?
    • ⤷ What is the difference between optical isolation and digital isolation in USB bridges?
    • ⤷ Can I use USB2GPIOISO for high-speed real-time motor control?