Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • USR1101L-S08-R

  • AI
    The **USR1101L-S08-R** is a high-performance, low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is commonly used in power management circuits where high stability and low noise are required. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Output Type** | Fixed or Adjustable (depending on variant) | | **Output Current** | 100mA (Max) | | **Package Type** | SOP-8 | | **Operating Voltage Range** | Up to 12V | | **Drop-out Voltage** | Typically low (LDO architecture) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Pin Configuration (SOP-8) While exact pinouts can vary by sub-series, the standard SOP-8 layout for this regulator typically follows this structure: | Pin Number | Function | Description | |:---:|:---|:---| | 1 | VOUT | Regulated Output Voltage | | 2, 3, 6, 7 | NC / GND | Internal No Connect or Ground for Heat Sink | | 4 | GND | Common Ground | | 5 | EN / ADJ | Enable Pin or Voltage Adjustment | | 8 | VIN | Unregulated Input Voltage | --- ### 3. Key Features * **Low Quiescent Current:** Designed to consume very little power during standby, making it ideal for battery-operated devices. * **Protection Circuits:** Includes built-in thermal shutdown and current limiting to prevent damage during fault conditions. * **Stability:** Optimized to be stable with low-ESR ceramic capacitors. * **Halogen Free:** The "L" and "R" suffixes typically denote RoHS compliance and halogen-free material construction. --- ### 4. Typical Applications 1. **Consumer Electronics:** Powering microcontrollers (MCUs) in smart home devices. 2. **Portable Devices:** Used in handheld gadgets due to the small SOP-8 footprint. 3. **Communication Equipment:** Providing clean power to noise-sensitive RF modules. 4. **Industrial Control:** Localized voltage regulation on PCBA boards to reduce interference. --- ### 5. Part Number Breakdown * **USR1101**: Series model number. * **L**: Lead-free/Halogen-free plating. * **S08**: SOP-8 Package type. * **R**: Tape & Reel packaging (for automated pick-and-place assembly).
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the USR1101 series?
    • ⤷ Can this regulator be used with ceramic output capacitors?
    • ⤷ What are the primary differences between the fixed and adjustable versions of this IC?