Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UT2301ZG-AE3-R

  • AI
    ## Overview of UT2301ZG-AE3-R The **UT2301ZG-AE3-R** is a P-Channel enhancement mode Field Effect Transistor (MOSFET) designed by UTC (Unisonic Technologies). It is widely used in power management applications due to its low on-resistance and high-speed switching capabilities. --- ### 1. Key Technical Specifications | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -20 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 V | | **Continuous Drain Current** | $I_D$ | -2.3 A | | **Pulsed Drain Current** | $I_{DM}$ | -10 A | | **Power Dissipation** | $P_D$ | 0.5 W | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 130 mΩ @ $V_{GS}$ = -4.5V | | **Package Type** | SOT-23 | Surface Mount | --- ### 2. Pin Configuration (SOT-23) The device follows the standard SOT-23 pinout: 1. **Gate (G):** Controls the state of the MOSFET (On/Off). 2. **Source (S):** The terminal where current enters (for P-Channel). 3. **Drain (D):** The terminal where current exits to the load. --- ### 3. Features and Characteristics * **Low On-Resistance:** Reduces power loss during the "on" state, making it efficient for battery-operated devices. * **High-Speed Switching:** Capable of operating at high frequencies. * **Low Threshold Voltage:** Typically turns on at low gate voltages (around -0.4V to -1.0V), making it compatible with low-voltage logic circuits. * **Green Product:** The "G" in the part number indicates it is a halogen-free/lead-free "Green" product. --- ### 4. Typical Applications * **Power Management:** Used in DC-DC converters and load switches. * **Battery Protection:** Ideal for mobile phones and portable electronics due to its small footprint. * **Load Switching:** Acts as an electronic switch to turn peripheral components on or off. --- ### 5. Identification Code (Marking) On the physical package, you will often find a shorthand marking code. For the UT2301ZG, the common marking is: `2301G` or `S1`.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent MOSFETs for the UT2301ZG-AE3-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What is the thermal resistance of the SOT-23 package for this part?