UT2306G-AE3-R
AI

The **UT2306G-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) produced by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications.
---
### 1. General Specifications
The following table highlights the primary electrical characteristics of the UT2306G-AE3-R:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Gate-Source Voltage** | $V_{GSS}$ | $\pm$12 | V |
| **Continuous Drain Current** | $I_D$ | 3.5 | A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 | A |
| **Power Dissipation** | $P_D$ | 0.9 | W |
| **Operating Temperature** | $T_j$ | -55 to +150 | °C |
---
### 2. Key Features
* **Low On-Resistance ($R_{DS(ON)}$):** Provides high efficiency and low power loss during operation. Typically measures around $45\text{--}60\text{ m}\Omega$ depending on gate voltage.
* **High-Speed Switching:** Optimized for fast transitions, making it suitable for PWM (Pulse Width Modulation) circuits.
* **Surface Mount Package:** Comes in an **SOT-23** package (represented by the "AE3" suffix), which is ideal for compact PCB designs.
* **Green Product:** The "G" in the part number indicates it is a halogen-free/lead-free "Green" product.
---
### 3. Pin Configuration (SOT-23)
The device uses a standard 3-pin configuration:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **G** | Gate: Controls the flow of current between Drain and Source. |
| 2 | **S** | Source: The terminal where the majority of carriers enter the channel. |
| 3 | **D** | Drain: The terminal where the majority of carriers leave the channel. |
---
### 4. Typical Applications
The UT2306G is commonly used in the following scenarios:
1. **Power Management:** Used in DC-DC converters and load switching.
2. **Battery Protection:** Integrated into battery management systems for portable electronics.
3. **LED Driving:** Suitable for low-voltage LED arrays.
4. **Logic Level Interface:** Can be driven directly by microcontrollers (3.3V or 5V logic).
---
### 5. Ordering Information Breakdown
| Code | Meaning |
| :--- | :--- |
| **UT2306** | Part Series Number |
| **G** | Halogen Free / Lead Free |
| **AE3** | SOT-23 Package Type |
| **R** | Tape and Reel Packaging |
- ⤷
What is the threshold voltage (Vgs(th)) for the UT2306G?
- ⤷ Can this MOSFET be used with a 3.3V microcontroller signal?
- ⤷ What are the equivalent alternatives to the UT2306G in an SOT-23 package?