UT2306L-AE3-R
AI

The **UT2306L-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is designed for low-voltage, high-speed switching applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the UT2306L-AE3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±12 V |
| **Continuous Drain Current** | $I_D$ | 3.5 A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 A |
| **Power Dissipation** | $P_D$ | 1.25 W |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 55 mΩ (at $V_{GS}=10V$) |
| **Package Type** | SOT-23 | SOT-23 (3-pin) |
---
### 2. Functional Features
* **Low On-Resistance:** The low $R_{DS(ON)}$ minimizes power loss due to heat during the "ON" state, improving efficiency.
* **Low Threshold Voltage:** It is a logic-level MOSFET, meaning it can be fully triggered by low-voltage signals (typical of microcontrollers like Arduino or ESP32).
* **Fast Switching Speed:** Designed for high-frequency applications.
* **Lead-Free/Halogen-Free:** The "L" in the part number indicates Lead-Free (RoHS compliant), and the suffix "R" typically denotes Tape and Reel packaging.
---
### 3. Pin Configuration (SOT-23)
The device follows the standard SOT-23 pinout for MOSFETs:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| **1** | **G (Gate)** | Controls the "ON" and "OFF" state of the MOSFET. |
| **2** | **S (Source)** | Connected to the ground in most N-channel low-side switch circuits. |
| **3** | **D (Drain)** | Connected to the load being switched. |
---
### 4. Typical Applications
* **Power Management:** Used in DC-DC converters and load switches.
* **Battery Protection:** Ideal for portable electronics due to its small SOT-23 footprint.
* **Signal Switching:** High-speed switching in telecommunications and computer peripherals.
* **LED Driving:** Controlling current flow to LED arrays.
---
- ⤷
What are the equivalent alternative MOSFETs for the UT2306L-AE3-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What is the thermal resistance of the SOT-23 package for this specific part?