UT2308G-AE3-R
AI

The **UT2308G-AE3-R** is an N-Channel enhancement mode Power MOSFET designed for high-density mounting and efficient power switching. It is commonly manufactured by UTC (Unisonic Technologies).
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the UT2308G-AE3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 60 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | 2.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | 10 A |
| **Power Dissipation** | $P_D$ | 0.5 W |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 140 mΩ (at $V_{GS}$ = 10V) |
| **Operating Temperature** | $T_J$ | -55 to +150 °C |
---
### 2. Physical & Packaging Details
The part number suffix **AE3** refers to the package type, while **R** typically denotes the tape and reel packaging for automated assembly.
* **Package Type:** SOT-23 (Small Outline Transistor).
* **Pin Configuration:**
1. **Gate (G):** Controls the switching of the MOSFET.
2. **Source (S):** Connected to the ground or negative side.
3. **Drain (D):** Connected to the load.
* **Halogen-Free:** The "G" in the part number usually indicates a halogen-free/green material.
---
### 3. Application Areas
Due to its low $R_{DS(ON)}$ and small footprint, this MOSFET is ideal for:
* **DC-DC Converters:** High-speed switching and power management.
* **Load Switching:** Controlling power flow to specific peripherals in portable electronics.
* **Battery Management:** Used in protection circuits for Li-ion batteries.
* **Motor Drivers:** Small-scale brushless DC (BLDC) motor control.
---
### 4. Part Number Breakdown
```text
UT 2308 G - AE3 - R
| | | | |
| | | | +-- Tape and Reel Packaging
| | | +------- SOT-23 Package
| | +------------ Halogen Free / Green
| +----------------- Part Series (Model Number)
+--------------------- UTC (Manufacturer: Unisonic Technologies)
```
- ⤷What are the equivalent alternative MOSFETs for the UT2308G?
- ⤷ What is the threshold voltage range for the UT2308G-AE3-R?
- ⤷ Can this MOSFET be used in logic-level switching applications?