UT2309G-AE3-R
AI

The **UT2309G-AE3-R** is a high-performance, P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by UTC (Unisonic Technologies). It is widely used in power management applications due to its low on-resistance and compact surface-mount design.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the UT2309G-AE3-R:
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | -30 V |
| **Gate-Source Voltage** | $V_{GSS}$ | ±20 V |
| **Continuous Drain Current** | $I_D$ | -1.6 A |
| **Pulsed Drain Current** | $I_{DM}$ | -10 A |
| **Power Dissipation** | $P_D$ | 0.35 W |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 150 mΩ (at $V_{GS}$ = -10V) |
| **Package Type** | SOT-23 | Tape & Reel (R) |
---
### 2. Functional Description
As a **P-Channel MOSFET**, this device operates by using a negative gate-source voltage to allow current to flow between the Source and the Drain. It is particularly valued for its "Logic Level" compatibility, meaning it can be fully driven by low-voltage microcontrollers.
#### Main Features:
* **Low On-Resistance:** Reduces power loss and heat generation during operation.
* **Fast Switching:** Suitable for high-frequency PWM applications.
* **Halogen-Free:** The "G" in the part number indicates it is a "Green" (Halogen-free and RoHS compliant) component.
* **Compact Footprint:** The SOT-23 package is ideal for space-constrained circuit boards.
---
### 3. Pin Configuration (SOT-23)
The device follows the standard SOT-23 pinout:
1. **Gate (G):** Controls the biasing of the MOSFET.
2. **Source (S):** Connected to the positive supply in most P-channel configurations.
3. **Drain (D):** Connected to the load.
---
### 4. Common Applications
The UT2309G-AE3-R is typically found in the following circuits:
* **Load Switches:** Turning off power to specific sub-systems to save energy.
* **Battery Management:** Protection circuits and charging paths in portable electronics.
* **DC-DC Converters:** Used in the switching stage of buck or boost regulators.
* **LED Drivers:** Controlling power to high-brightness LED arrays.
---
### 5. Part Number Breakdown
```text
UT2309 G - AE3 - R
| | | |
| | | +-- Packing: Tape & Reel
| | +------- Package: SOT-23 (AE3)
| +------------ Halogen Free / Green (G)
+------------------ Model Series (UT2309)
```
- ⤷
What are the safe operating temperature ranges for the UT2309G?
- ⤷ How does the RDS(on) change if the gate voltage is reduced to -4.5V?
- ⤷ Can this MOSFET be used as a high-side switch in a 12V system?