UT2312G-AE3-R
AI

The **UT2312G-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) designed by Unisonic Technologies (UTC). It is primarily used for power management and switching applications in compact electronic devices.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the UT2312G-AE3-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 20V | Maximum voltage across drain and source |
| **Continuous Drain Current ($I_D$)** | 5.0A | Maximum continuous current flow |
| **Gate-Source Voltage ($V_{GS}$)** | $\pm$8V | Maximum voltage allowed on the gate |
| **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | 33m$\Omega$ (typ) | Resistance when the MOSFET is "ON" ($V_{GS}=4.5V$) |
| **Package Type** | SOT-23 | Small Outline Transistor (3-lead) |
| **Halogen Free** | Yes | "G" in suffix indicates Halogen-Free |
---
### 2. Pin Configuration and Internal Structure
The UT2312G-AE3-R uses the standard **SOT-23** pinout, which is critical for PCB layout:
1. **Pin 1 (Gate):** Controls the switching state of the MOSFET.
2. **Pin 2 (Source):** Connected to the ground or common return in most N-channel configurations.
3. **Pin 3 (Drain):** Connected to the load.
### 3. Feature Highlights
* **Low On-Resistance:** Minimizes power dissipation during operation, which improves efficiency and reduces heat.
* **Low Threshold Voltage:** Can be driven by low-voltage logic circuits (e.g., microcontrollers operating at 2.5V or 3.3V).
* **Fast Switching:** High-speed switching capabilities make it suitable for PWM (Pulse Width Modulation) applications.
* **Green Product:** Compliant with RoHS and Halogen-free standards.
---
### 4. Common Applications
Due to its small footprint and high current handling, it is commonly found in:
* **Battery Protection:** Disconnecting battery cells in mobile devices.
* **DC-DC Converters:** Acting as a switch in buck or boost regulators.
* **Load Switching:** Turning peripheral devices on/off via a microcontroller pin.
* **LED Drivers:** Controlling power to high-brightness LED arrays.
---
### 5. Part Number Breakdown
Understanding the UTC naming convention:
* **UT2312**: Device Series/Model number.
* **G**: Halogen-Free and Lead-Free.
* **AE3**: SOT-23 Package type.
* **R**: Tape and Reel packaging.
- ⤷What are the equivalent MOSFET alternatives to the UT2312G-AE3-R?
- ⤷ What is the maximum power dissipation (Pd) for this device in an SOT-23 package?
- ⤷ How does the gate threshold voltage affect its compatibility with 1.8V logic?