Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • UT2327L-AE3-R

  • AI
    ## UT2327L-AE3-R: Electronic Component Analysis The **UT2327L-AE3-R** is a specific P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by **UTC (Unisonic Technologies)**. It is designed for high-speed switching applications and power management in portable devices. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -20 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V | | **Continuous Drain Current** | $I_D$ | -3.5 | A | | **Pulsed Drain Current** | $I_{DM}$ | -10 | A | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 65 (at $V_{GS}$ = -4.5V) | mΩ | | **Total Power Dissipation** | $P_D$ | 1.25 | W | | **Operating Temperature** | $T_J$ | -55 ~ +150 | °C | --- ### 2. Physical Packaging and Marking The suffix in the part number provides details about the physical form factor and material: * **AE3**: Refers to the **SOT-23** package (Small Outline Transistor). This is a surface-mount package with 3 leads. * **-R**: Indicates that the part is supplied in **Tape and Reel** for automated assembly. * **L**: Signifies that the device is **Lead-free** (RoHS compliant) and uses halogen-free materials. --- ### 3. Pin Configuration (SOT-23) Standard SOT-23 pinouts for this MOSFET are as follows: 1. **Gate (G)**: Controls the conductivity between the Drain and Source. 2. **Source (S)**: The source of the charge carriers. 3. **Drain (D)**: The terminal through which current flows out. --- ### 4. Common Applications Due to its low threshold voltage and small footprint, the UT2327L-AE3-R is commonly found in: * **Load Switching**: Controlling power to sub-circuits. * **Battery Management**: Protection circuits in Li-ion battery packs. * **DC-DC Converters**: Low-power voltage regulation. * **Portable Devices**: Smartphones, tablets, and wearable electronics where space is limited. --- ### 5. Part Number Breakdown ```text UT 2327 L - AE3 - R | | | | | UTC Model Lead SOT-23 Tape & Mfg Code Free Package Reel ```
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for UT2327L?
    • ⤷ How does the gate threshold voltage affect its performance in 3.3V logic systems?
    • ⤷ What are the thermal management requirements for SOT-23 MOSFETs?